21-0108
AI

Based on technical databases and industry specifications, the part number **21-0108** is most commonly associated with specialized electronic components and interconnect hardware. Depending on the manufacturer (such as **Southco** or **Raychem/TE Connectivity**), its function varies.
Below is a breakdown of the two most common components identified by this part number:
---
## 1. Southco 21-0108 (Electronic Enclosure Fastener)
This is a precision-engineered **Standoff/Captive Screw** assembly used primarily in server racks, telecommunication hardware, and electronic enclosures.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Captive Screw / Standoff |
| **Material** | Stainless Steel or Carbon Steel (Zinc Plated) |
| **Thread Size** | Typically M3 or 4-40 (depending on variant) |
| **Function** | Secures PCB to chassis while preventing screw loss |
| **Installation** | Press-in or Flare-in |
### Application in Electronics
* **PCB Mounting:** Used to elevate Printed Circuit Boards above a metal chassis to prevent short circuits.
* **Modular Hardware:** Allows for easy removal of modules in a blade server or networking switch without losing the fastening hardware.
---
## 2. Raychem / TE Connectivity 21-0108 (Wiring/Interconnect)
In the context of aerospace and high-reliability electronics, this number often refers to specialized **shielded cabling** or **heat-shrinkable components**.
### Key Features
* **High-Temperature Resistance:** Designed to operate in environments from -55°C to +150°C.
* **EMI Shielding:** Often features a braided shield to protect sensitive electronic signals from electromagnetic interference.
* **Standard Compliance:** Usually meets MIL-SPEC (Military Specification) standards for signal integrity.
---
## Summary Table
| Category | Industry | Primary Use |
| :--- | :--- | :--- |
| **Mechanical/Electronic** | Data Centers / IT | Enclosure assembly and PCB mounting. |
| **Interconnect** | Aerospace / Defense | Signal transmission in high-interference areas. |
| **Automotive** | Vehicle Electronics | Sensors or wiring harness clips. |
---
### Which one are you looking for?
To provide more specific data (such as a pinout diagram or torque rating), please specify if this part is a **mechanical fastener** for an electronic rack or a **cabled component**.
- ⤷
Are you looking for the datasheet for the Southco fastener or the TE Connectivity cable?
- ⤷ What is the specific manufacturer listed on the packaging for this part?
- ⤷ Is this part being used in a server rack or an aerospace application?