2N3820..
AI

## 2N3820 P-Channel JFET Overview
The **2N3820** is a classic P-Channel Junction Field Effect Transistor (JFET) primarily designed for low-frequency audio and general-purpose amplification applications. Unlike the more common N-Channel JFETs, the P-Channel JFET operates with negative voltages on the drain and positive voltages on the gate to control current flow.
---
### 1. Pin Configuration
The 2N3820 typically comes in a **TO-92** plastic package. The standard pinout (viewed from the flat side) is as follows:
| Pin Number | Terminal Name | Function |
| :--- | :--- | :--- |
| 1 | **Drain** | Current exits the device here |
| 2 | **Source** | Current enters the device here |
| 3 | **Gate** | Controls the width of the conduction channel |
---
### 2. Key Technical Specifications
Below are the absolute maximum ratings and typical electrical characteristics for the 2N3820:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | -20 V |
| Drain-Gate Voltage | $V_{DG}$ | -20 V |
| Gate-Source Voltage | $V_{GS}$ | 20 V |
| Gate Current | $I_G$ | 10 mA |
| Power Dissipation | $P_D$ | 310 mW |
| Drain Current (at $V_{GS}=0$) | $I_{DSS}$ | -2.0 to -15 mA |
| Gate-Source Cutoff Voltage | $V_{GS(off)}$ | 0.7 to 8.0 V |
---
### 3. Operating Principles
* **Conduction:** In a P-Channel JFET, the "channel" is made of P-type material. Holes are the primary charge carriers.
* **Gate Control:** Applying a **positive** voltage to the Gate relative to the Source narrows the channel, reducing current flow. When the voltage reaches $V_{GS(off)}$, the channel is completely pinched off, and current stops.
* **Input Impedance:** Like all JFETs, the 2N3820 offers extremely high input impedance, making it ideal for stages that must not load down a signal source (e.g., sensor preamps).
---
### 4. Common Applications
1. **Audio Preamplifiers:** Used in the input stages of audio gear due to low noise and high impedance.
2. **Analog Switching:** Can be used as a voltage-controlled switch for low-level signals.
3. **Current Sources:** Used to create stable, constant current circuits.
4. **Impedance Matching:** Often used to interface high-impedance sensors (like Piezo pickups) to low-impedance amplifier stages.
---
### 5. Implementation Example
Here is a basic representation of a P-Channel JFET biased for a common-source amplifier:
```text
-Vcc (Negative Supply)
|
[ R_Drain ]
|
+------- Output
|
(D) 2N3820
G ----|
(S)
|
[ R_Source ]
|
GND
```
*Note: Because it is P-channel, the supply voltage ($V_{CC}$) is typically negative relative to the source.*
- ⤷
What are the main differences between the 2N3820 and its N-channel counterpart 2N3819?
- ⤷ How do I test a 2N3820 using a digital multimeter?
- ⤷ Can the 2N3820 be replaced by a modern MOSFET in audio circuits?