2SD965A-R-T92-R
AI

## Overview of the 2SD965A-R-T92-R
The **2SD965A-R-T92-R** is a specific variant of the 2SD965 NPN epitaxial silicon transistor. It is widely recognized for its high current capacity despite its small physical footprint, making it ideal for battery-powered applications and strobe flash units.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific characteristics of this component:
| Component Part | Meaning |
| :--- | :--- |
| **2SD965A** | The base model number (NPN Silicon Transistor). |
| **-R** | **hFE (Gain) Classification**: Indicates a DC current gain range of 230 to 600. |
| **-T92** | **Package Type**: TO-92 standard plastic package. |
| **-R** | **Packing Style**: Usually indicates "Tape & Reel" or "Ammo Pack" for automated assembly. |
---
### 2. Key Technical Specifications
Below are the absolute maximum ratings and electrical characteristics for the device:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 22 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 7 | V |
| Collector Current (DC) | $I_C$ | 5 | A |
| Collector Current (Pulse) | $I_{CP}$ | 8 | A |
| Total Power Dissipation | $P_D$ | 750 | mW |
| DC Current Gain | $h_{FE}$ | 230 – 600 | - |
---
### 3. Pin Configuration (TO-92)
When looking at the flat side of the transistor with the leads pointing downwards, the pinout is as follows:
1. **Emitter (E)**: The exit point for the current.
2. **Collector (C)**: The entry point for the current.
3. **Base (B)**: The trigger that controls the flow between Emitter and Collector.
---
### 4. Distinctive Features
* **High Current Capability**: Unlike standard TO-92 transistors (like the 2N3904) which handle ~200mA, this part can handle up to **5 Amperes** of peak current.
* **Low Saturation Voltage**: $V_{CE(sat)}$ is typically only 0.35V at $I_C = 3A$, which minimizes heat generation and power loss.
* **High Speed**: Suitable for fast switching applications.
### 5. Common Applications
* **Strobe Flash Units**: Its high pulse current makes it perfect for camera flashes.
* **Voltage Regulators**: Used in DC-DC converters.
* **Motor Drivers**: Driving small DC motors in toys or portable electronics.
* **Audio Power Amplifiers**: Used in the output stages of low-power amplifiers.
---
- ⤷
What are the main differences between the 'R' and 'Q' gain classifications for this transistor?
- ⤷ Can the 2SD965A be used as a direct replacement for a BC547 in high-current circuits?
- ⤷ What is the maximum operating temperature for the 2SD965A-R-T92-R?