Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 2SK2625LS

  • AI
    ## 2SK2625LS Electronic Component Overview The **2SK2625LS** is an N-channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily designed for high-speed switching applications. It is commonly found in power supplies and motor controllers. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the 2SK2625LS: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 450V | | **Gate-to-Source Voltage** | $V_{GSS}$ | ±30V | | **Drain Current (DC)** | $I_D$ | 10A | | **Drain Current (Pulse)** | $I_{DP}$ | 40A | | **Allowable Power Dissipation** | $P_D$ | 35W (at $Tc=25^\circ C$) | | **Static Drain-to-Source On-State Resistance** | $R_{DS(on)}$ | 0.45Ω (Typical) | --- ### 2. Main Features * **Low On-Resistance:** Its low $R_{DS(on)}$ minimizes power loss during conduction, improving overall efficiency. * **High-Speed Switching:** Designed with low gate charge and capacitance, allowing it to transition between ON and OFF states rapidly. * **High Input Impedance:** Since it is a MOSFET, it requires very little current at the gate to control high currents at the drain. * **Isolated Package:** Usually comes in a TO-220FI (Full Isolation) package, which prevents the metal tab from being electrically live, simplifying heatsink mounting. --- ### 3. Pin Configuration Standard MOSFET pinout for the TO-220 style package: 1. **Gate (G):** Used to trigger the transistor (Voltage control). 2. **Drain (D):** Connected to the load. 3. **Source (S):** Connected to the ground or common return. --- ### 4. Common Applications * **Switching Regulators:** Used in DC-DC converters and AC adapters. * **UPS (Uninterruptible Power Supplies):** For power inversion and management. * **Motor Drivers:** Controlling the speed and torque of DC motors. * **DC-AC Inverters:** Converting battery power into household AC voltage. --- ### 5. Safe Operating Considerations When using the 2SK2625LS in a circuit, ensure the following: * **Heat Dissipation:** Even though it is rated for 35W, a proper **heatsink** is required to prevent thermal runaway under heavy loads. * **Voltage Spikes:** Because it handles up to 450V, use **snubber circuits** (RC or RCD) to protect the MOSFET from inductive voltage spikes during switching.
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacements for the 2SK2625LS?
    • ⤷ How do I calculate the heat sink size for this MOSFET?
    • ⤷ What is the typical gate threshold voltage for the 2SK2625LS?