30LVD30-R
AI

The **30LVD30-R** is a specific type of ceramic disc capacitor, typically manufactured by companies like Vishay Cera-Mite. It is designed for high-voltage applications and belongs to the **Low-Voltage/High-Voltage (LV/HV) Disc** series.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance Value** | 3,000 pF (0.003 µF) |
| **Voltage Rating** | 3,000 VDC (3 kV) |
| **Tolerance** | Typically ±20% (M) |
| **Dielectric Material** | Ceramic (Class II) |
| **Configuration** | Radial Leaded Disc |
| **Operating Temp** | -30°C to +85°C |
---
## 2. Key Features
* **High Voltage Stability:** Designed to handle significant electrical stress without breakdown.
* **Encapsulation:** Usually coated with flame-retardant epoxy resin (UL 94 V-0 rated) to protect against moisture and environmental contaminants.
* **Compact Size:** Despite the 3kV rating, the disc design allows for a relatively small footprint on a Printed Circuit Board (PCB).
* **Low Dissipation Factor:** Ensures minimal energy loss during operation.
---
## 3. Common Applications
The 30LVD30-R is primarily used in circuits where high voltage surges or steady-state high voltages are present:
1. **Power Supplies:** Used in the primary circuit for noise filtering and decoupling.
2. **CRT Displays:** Found in older television and monitor high-voltage sections.
3. **Lighting Ballasts:** Used in HID or fluorescent lighting circuits to manage voltage spikes.
4. **Snubber Circuits:** Protects switching transistors (like MOSFETs or IGBTs) from inductive voltage spikes.
5. **Voltage Multipliers:** Used in stages to step up DC voltage.
---
## 4. Part Number Breakdown (Example)
While specific manufacturers vary slightly, the code generally breaks down as follows:
| Code | Meaning |
| :--- | :--- |
| **30** | The first two digits of the series (Voltage class). |
| **LV** | Low voltage series (relative to Ultra-High voltage lines). |
| **D30** | Represents the capacitance code (30 = 3,000pF). |
| **-R** | Indicates compliance with **RoHS** (Reduction of Hazardous Substances). |
---
### Safety Warning
When working with the **30LVD30-R**, ensure the device is fully discharged before handling. Because it holds 3,000V, a charged capacitor can deliver a lethal shock even after the power to the main device is turned off.
- ⤷
What are the equivalent replacement parts for the 30LVD30-R?
- ⤷ How does the temperature coefficient affect the performance of this ceramic capacitor?
- ⤷ Can this capacitor be used in AC line-to-ground (Y-rated) applications?