Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 32-R16

  • AI
    The **Allwinner R16** (often referred to in the context of development boards like the **Banana Pi M2 Magic** or various smart home devices) is a high-performance, low-power Quad-core application processor. Below is a detailed breakdown of the electronic specifications and architecture of the R16 platform. --- ### 1. Core Architecture The R16 is designed as a System-on-Chip (SoC) primarily targeting IoT, smart audio, and digital video applications. | Component | Specification | | :--- | :--- | | **CPU** | Quad-core ARM Cortex™-A7 | | **GPU** | Mali-400 MP2 (Supports OpenGL ES 2.0 / VG 1.1) | | **Process** | 28nm Low Power process | | **Architecture** | 32-bit RISC | --- ### 2. Memory Interface The R16 supports several types of volatile and non-volatile memory, allowing for flexibility in manufacturing costs. * **DDR Interface:** Supports DDR3, DDR3L, and LPDDR2. * **Storage (NAND/eMMC):** Supports 8-bit NAND Flash and eMMC up to version 4.41. * **SD/MMC:** Three SD/MMC card controllers for external storage or Wi-Fi modules. --- ### 3. Multimedia Capabilities Despite its focus on efficiency, the R16 includes hardware acceleration for media tasks: * **Video Decoding:** 1080p @ 60fps (H.264, VP8, MPEG 1/2/4). * **Video Encoding:** 1080p @ 30fps (H.264). * **Display Output:** Supports RGB/CPU/LVDS LCD interfaces up to 1024x768 resolution. --- ### 4. Connectivity and I/O The R16 is highly integrated, reducing the need for external bridge chips. 1. **Audio:** Integrated Hi-Fi audio codec, 2x DACs, and 3x ADCs. It features a built-in "Audio Hub" for voice-trigger applications. 2. **USB:** 1x USB 2.0 OTG, 1x USB 2.0 Host. 3. **Connectivity:** UART, SPI, TWI (I2C), and PWM. 4. **Camera:** 8-bit Parallel CSI interface (supports up to 5MP sensors). --- ### 5. Power Management (PMIC) The R16 is typically paired with the **AXP223** Power Management IC. * It manages battery charging (Li-Ion). * Provides multiple DC-DC buck converters and LDOs to power the CPU cores, DDR, and I/O rails. * Features a "Digital Power System" for precise voltage scaling to save energy during idle states. --- ### 6. Common Pinout/Physical Layout The chip usually comes in a **BGA (Ball Grid Array)** package, specifically a **BGA282** (14mm x 14mm). | Pin Group | Function | | :--- | :--- | | **Port A-G** | General Purpose I/O (GPIO) multiplexed with SPI/UART | | **VCC-Core** | Power supply for the logic core (typically 1.1V - 1.3V) | | **DRAM_VCC** | Power supply for memory (1.5V for DDR3) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the Allwinner R16 and the R18?
    • ⤷ Which operating systems are compatible with the R16 chip?
    • ⤷ What are the power consumption levels of the R16 in sleep mode?