Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 3AG6-R

  • AI
    ## Technical Overview: 3AG6-R Electronic Component The **3AG6-R** is a specific type of **miniature cartridge fuse**. In electronic terminology, "3AG" refers to the physical size and form factor, while "R" typically denotes compliance with specific environmental standards (like RoHS) or specific resistance/response characteristics depending on the manufacturer (most commonly Littelfuse or Bussmann). --- ### 1. Physical Specifications The 3AG series is one of the most common fuse standards used in consumer electronics and industrial equipment. | Feature | Specification | | :--- | :--- | | **Diameter** | 6.35 mm (1/4 inch) | | **Length** | 31.75 mm (1-1/4 inch) | | **Body Material** | Glass (Transparent for visual inspection) | | **End Caps** | Nickel-plated brass | --- ### 2. Key Electrical Characteristics While the specific current rating depends on the full part number (e.g., 3AG6-R might refer to a 6-Ampere variant), the general characteristics of the series are: * **Type:** Fast-Acting (F) or Normal Blow. It is designed to interrupt the circuit quickly upon sensing an overcurrent. * **Voltage Rating:** Commonly rated for **250V AC**. * **Interrupting Rating:** Usually capable of handling 35A at 250V AC or up to 10,000A at 125V AC. * **RoHS Compliant:** The "-R" suffix in modern electronic components almost universally signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning it is lead-free. --- ### 3. Common Applications The 3AG6-R is used as a safety device to protect circuits from overcurrent and short-circuit damage. 1. **Power Supplies:** Protecting the input stage of desktop computers or laboratory equipment. 2. **Amplifiers:** Found in the rear panels of guitar amps and high-fidelity audio systems. 3. **Appliances:** Used in microwave ovens, coffee makers, and older television sets. 4. **Testing Equipment:** Multimeters and oscilloscopes often use this size for internal protection. --- ### 4. Comparison with Other Sizes It is important not to confuse the 3AG with the smaller European standard. | Standard | Dimensions | Common Name | | :--- | :--- | :--- | | **3AG (311/312)** | 6.3 x 32 mm | 1/4" Fuse | | **5x20mm** | 5.0 x 20 mm | Midget/Metric Fuse | --- ### Summary Checklist for Replacement If you are replacing a **3AG6-R**, ensure the following: * **Current (A):** Must match the original (e.g., 6 Amps). * **Voltage (V):** The replacement must have a voltage rating equal to or higher than the original. * **Speed:** Ensure it is "Fast-Acting" if the original was marked as such; do not replace a fast-acting fuse with a "Slow-Blow" (Time-Delay) fuse.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Slow-Blow 3AG fuse?
    • ⤷ How can I tell if a glass 3AG fuse is blown without a multimeter?
    • ⤷ Are there ceramic versions of the 3AG6-R for higher heat resistance?