3SBP7-R
AI

The **3SBP7-R** is a specific model of a subminiature, slow-blow (time-delay) fuse manufactured by **Bel Fuse Inc.** This part is widely used in power supplies, chargers, and industrial consumer electronics where space is limited but circuit protection is critical.
---
## 1. Technical Specifications
The part number itself contains encoded information about its electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Fuse Type** | Glass Body / Subminiature |
| **Current Rating** | 7 Amperes (indicated by the '7') |
| **Voltage Rating** | 250V AC |
| **Characteristic** | Slow-Blow / Time-Delay (SB) |
| **Dimensions** | 3.6mm x 10mm |
| **Mounting Type** | Axial Leaded (Through-hole) |
| **RoHS Compliant** | Yes (indicated by the '-R' suffix) |
---
## 2. Component Breakdown
Understanding the nomenclature helps in identifying the part's physical and functional properties:
### A. The "3SBP" Series
* **3SB**: Refers to the physical size (3.6mm diameter) and the "Slow-Blow" characteristic. Slow-blow fuses are designed to withstand temporary current surges (like motor startups) without blowing immediately.
* **P**: Indicates "Pigtail" or Axial Leads. These are wire leads coming out of both ends of the glass tube, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB).
### B. The "7"
* This represents the **Ampere Rating**. This specific fuse will carry 7 Amps continuously. It will trigger a disconnect if the current exceeds this limit for a duration defined by its time-delay curve.
### C. The "-R"
* This suffix stands for **RoHS (Restriction of Hazardous Substances)** compliance. It ensures the part is lead-free and meets international environmental standards.
---
## 3. Common Applications
Due to its small form factor and time-delay nature, the 3SBP7-R is found in:
* **LED Lighting Drivers:** Protecting against inrush current.
* **AC Adapters:** Small power bricks for laptops or monitors.
* **Power Supplies:** Serving as the primary input protection on the AC line.
* **Battery Chargers:** Preventing over-current damage during the charging cycle.
---
## 4. Key Performance Data
* **Interrupting Rating:** Usually rated for 35A at 250V AC or 10,000A at 125V AC (standard for this series).
* **Safety Agency Approvals:** Typically UL listed and CSA certified.
- ⤷
What is the difference between a slow-blow and a fast-acting fuse in this package size?
- ⤷ Can this fuse be used in DC circuits instead of AC?
- ⤷ What are the recommended soldering temperatures for axial leaded fuses?