Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 47LPQ-D2R-R

  • AI
    ## Technical Overview of 47LPQ-D2R-R The **47LPQ-D2R-R** is a specific electronic component typically categorized within **Electromechanical Switches**, more specifically as a **DIP (Dual In-line Package) Switch**. These are used to configure settings on printed circuit boards (PCBs) without the need for specialized software or external programming tools. --- ### Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | DIP Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Number of Positions** | Variable (Commonly 2 to 12 depending on series) | | **Mounting Type** | Through-Hole or Surface Mount (SMD) | | **Actuator Type** | Raised or Flush Slide | | **Contact Rating** | Usually 25mA to 100mA at 24VDC | | **Operating Temperature** | -40°C to +85°C | --- ### Component Breakdown #### 1. Mechanical Structure The "LPQ" series often refers to **Low Profile** designs. This means the component has a very small vertical footprint, making it ideal for compact electronics like remote controls, handheld devices, or slim servers. #### 2. Electrical Operation * **Gold-Plated Contacts:** Most high-quality DIP switches in this series use gold plating to prevent oxidation and ensure reliable electrical connections over long periods. * **Switching Action:** It operates on a simple "on/off" mechanism. When the slide is moved to the "ON" position, the internal metal plate bridges two pins, closing the circuit. #### 3. Part Number Suffixes (D2R-R) * **D2:** Often indicates the pitch (spacing between pins) or a specific mechanical revision. * **R:** Usually stands for "Tape and Reel" packaging, which is essential for automated "Pick and Place" assembly machines in manufacturing. * **R (at the end):** Can also indicate **RoHS Compliance**, meaning the part is free from hazardous materials like lead. --- ### Common Applications * **Address Setting:** Used in industrial automation to set unique IDs for devices on a network (like RS-485 or CAN bus). * **Configuration:** Selecting between different modes of operation (e.g., changing a device from "Master" to "Slave"). * **Security Coding:** Setting manual codes for garage door openers or older wireless peripherals. --- ### Schematic Representation In a circuit diagram, the 47LPQ-D2R-R is represented as a series of individual switches connected to ground or a pull-up resistor. ```cpp // Logic Representation Switch 1: [ON] -> Logic 1 (High) Switch 2: [OFF] -> Logic 0 (Low) Switch 3: [OFF] -> Logic 0 (Low) Switch 4: [ON] -> Logic 1 (High) // Resulting Binary Input: 1001 (Decimal 9) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin pitch for the 47LPQ series?
    • ⤷ Can this switch handle AC current or is it strictly for DC?
    • ⤷ What are the soldering temperature limits for the D2R-R variant?