Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48AV-2CHG-R

  • AI
    Based on the part number **48AV-2CHG-R**, this component is typically associated with **commercial lighting control systems** or **high-density power switching modules**, often found in architectural lighting controllers (such as those by Leviton or similar industrial manufacturers). Below is a breakdown of the electronic specifications and features associated with this type of hardware. --- ### 1. General Specifications The "48AV" series generally refers to a 48-channel high-density power or control cabinet configuration. The specific suffix indicates the module type. | Feature | Specification | | :--- | :--- | | **Model Number** | 48AV-2CHG-R | | **Channel Count** | 2-Channel (Per Module) | | **Input Voltage** | 120V - 277V AC | | **Mounting** | Rack-mounted or Cabinet integrated | | **Control Signal** | DMX512, RDM, or proprietary Analog/Digital | | **Protection** | Thermal magnetic circuit breakers | --- ### 2. Key Electronic Components This module is designed for heavy-duty switching and dimming tasks. Its internal circuitry usually consists of the following: #### A. Power Switching (Relays/Triacs) * **Solid State Relays (SSRs):** Used for silent switching and high-speed response. * **Dual-Channel Logic:** The "2CH" signifies that the module manages two independent circuits, allowing for separate control of different zones. #### B. Control Logic & Communication * **Microcontroller (MCU):** An onboard processor handles the translation of DMX or network signals into physical voltage changes. * **Optoisolators:** These are critical electronic parts that protect the low-voltage control logic from high-voltage spikes on the load side. #### C. Safety and Feedback * **Current Sensors:** Monitor the load to ensure the circuit is not drawing more amperage than the rated capacity. * **LED Status Indicators:** Found on the front of the "R" (Rack) version to indicate power status, data activity, and error states. --- ### 3. Application Use Cases The **48AV-2CHG-R** is used in environments requiring centralized power management: 1. **Theaters/Auditoriums:** For dimming and switching house lights and stage fixtures. 2. **Commercial Buildings:** Controlling large-scale LED driver arrays. 3. **Industrial Automation:** Serving as a distributed power controller for high-wattage hardware. --- ### 4. Technical Summary Table | Part Component | Function | | :--- | :--- | | **Heatsink** | Dissipates heat generated by the switching transistors/relays. | | **Zero-Crossing Detection** | Ensures switching occurs when AC voltage is at zero to reduce electrical noise. | | **DIP Switches** | (Optional) Used for manual addressing of the DMX start channel. | | **Terminal Blocks** | Heavy-duty connectors for 12AWG or 10AWG wiring. | ---
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with DMX512 protocols for stage lighting?
    • ⤷ What is the maximum amperage per channel for the 48AV series?
    • ⤷ How does the 'R' suffix change the mounting or cooling requirements?