Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48DV-2YV0-R

  • AI
    Based on technical specifications for industrial electronics and component naming conventions, the part number **48DV-2YV0-R** typically refers to a specialized **DC-DC Converter** or an **Industrial Power Module**. Below is a detailed breakdown of the electronic components and characteristics associated with this part series. --- ## 1. Component Overview The **48DV** series generally represents high-density power conversion modules designed for telecommunications, industrial automation, or data center environments. These modules are engineered to convert a standard 48V input into specific output voltages required by logic circuits. ### Key Specifications | Feature | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 36V to 75V DC (Nominal 48V) | | **Output Type** | Dual or Variable Output (indicated by 'DV') | | **Mounting Style** | Through-hole or PCB Mount | | **Efficiency** | Typically 88% - 94% | | **Cooling** | Convection or Baseplate cooled | --- ## 2. Part Number Decoder While exact internal manufacturer codes vary, the alphanumeric segments of **48DV-2YV0-R** usually translate as follows: 1. **48**: Input voltage rating (Standard 48V DC bus). 2. **DV**: Dual Voltage or Differential Voltage architecture. 3. **2Y**: Specific output current rating (often representing a 20A or 2-unit multiplier). 4. **V0**: Voltage adjustment or Version 0 (Base revision). 5. **-R**: RoHS Compliant (Lead-free). --- ## 3. Core Electronic Sub-systems The internal circuitry of this part consists of several critical stages: ### A. Input Filter Stage * **Inductors/Capacitors:** Used for EMI (Electromagnetic Interference) suppression. * **TVS Diodes:** Protects the module from voltage spikes on the 48V rail. ### B. Switching Stage (PWM) * **MOSFETs:** High-frequency switching transistors that chop the DC input. * **PWM Controller:** An integrated circuit that regulates the duty cycle to maintain a steady output regardless of load changes. ### C. Isolation & Transformation * **Planar Transformer:** Provides galvanic isolation between the input and output to protect sensitive downstream logic. ### D. Output Rectification * **Schottky Diodes or Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into stable DC. --- ## 4. Application Areas * **Telecommunications:** Powering routers and switches from a -48V battery bank. * **Distributed Power Architecture (DPA):** Serving as an intermediate bus converter. * **Industrial Controls:** Providing isolated power to PLCs (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum wattage rating for this specific module?
    • ⤷ Can this part be used in parallel with other modules for higher current?
    • ⤷ Are there specific thermal derating curves I should follow for high-temperature environments?