48SV2-BHDST-R
AI

The **48SV2-BHDST-R** is a specific technical part number, primarily associated with high-density, multi-pin electrical connectors or specialized electronic hardware components (often found in automotive or industrial instrumentation).
Below is a detailed breakdown of the electronic and physical characteristics typical for this part series.
---
### 1. General Specifications
This part is generally categorized under **High-Density Connectors** or **SMT (Surface Mount Technology)** board-to-board interfaces.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Multi-pin Header / Receptacle |
| **Pin Count** | 48 Pins |
| **Mounting Type** | Surface Mount (SMT) |
| **Contact Material** | Phosphor Bronze or Copper Alloy |
| **Plating** | Selective Gold or Tin-Lead (Lead-Free versions available) |
| **Pitch** | Typically 0.5mm or 0.8mm (depending on series) |
---
### 2. Physical Construction
The part is designed for precision electronics where space is a constraint.
* **Housing Material:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Alignment Posts:** Features "BHDST" (Board High-Density Straight) orientation, often including plastic pegs for PCB alignment before soldering.
* **Shielding:** Many versions in this series include metallic shielding to prevent Electromagnetic Interference (EMI) in sensitive data transmission.
---
### 3. Electrical Characteristics
These parts are engineered for low-voltage signal integrity.
* **Current Rating:** Usually 0.3A to 0.5A per pin.
* **Voltage Rating:** 50V to 100V AC/DC.
* **Insulation Resistance:** Minimum 500MΩ.
* **Operating Temperature:** Ranges from -40°C to +105°C.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as JST or Hirose), the suffix codes usually indicate the following:
* **48:** Indicates the total number of circuits/pins.
* **SV2:** Series identifier (often relating to vertical orientation or a specific height profile).
* **BHDST:**
* **B:** Board-to-board.
* **HD:** High Density.
* **ST:** Straight (Vertical) orientation.
* **-R:** Generally indicates **RoHS Compliance** or **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 5. Common Applications
* **Automotive:** Dashboard displays, Infotainment systems, and ECU internal connections.
* **Consumer Electronics:** Laptop internal peripherals and camera modules.
* **Industrial:** PLC (Programmable Logic Controller) expansion modules.
- ⤷
What is the exact pitch measurement for the 48SV2 series?
- ⤷ Does this part require a specific reflow soldering temperature profile?
- ⤷ Is there a cross-reference equivalent for this part from other manufacturers?