48SV2-BVADT-R
AI

The part number **48SV2-BVADT-R** typically refers to a high-density, low-power **Synchronous Dynamic Random Access Memory (SDRAM)** or a specific variant of **Mobile DDR (LPDDR)** commonly used in embedded systems, mobile devices, and automotive infotainment.
Below is a detailed breakdown of its technical characteristics and typical specifications.
---
### 1. General Specifications
While specific datasheets are often proprietary to manufacturers like Winbond or Micron, parts in this series generally follow these parameters:
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | LPDDR / Mobile SDRAM |
| **Density** | Usually 256Mb or 512Mb (standard for this series) |
| **Voltage (Vcc)** | 1.8V (Low Power) |
| **Package Type** | VFBGA (Very Thin Fine-Pitch Ball Grid Array) |
| **Temperature Range** | Industrial (-40°C to +85°C) or Automotive |
---
### 2. Functional Architecture
This component is designed to manage high-speed data transfer while maintaining a small physical footprint.
* **Synchronous Interface:** All operations are synchronized to the positive edge of the system clock.
* **Low Power Consumption:** It includes features like **Partial Array Self-Refresh (PASR)** and **Deep Power Down (DPD)** modes to extend battery life in portable applications.
* **Data Masking:** Supports byte-masking during write operations via DM pins.
---
### 3. Pinout and Connectivity (VFBGA)
As a BGA component, the connections are arranged in a grid under the chip. Key signal groups include:
1. **Address Bus (A0-Ax):** Used to select memory rows and columns.
2. **Data Bus (DQ0-DQx):** Bidirectional lines for data input/output.
3. **Command Pins:** Includes `RAS#` (Row Address Strobe), `CAS#` (Column Address Strobe), and `WE#` (Write Enable).
4. **Clocking:** Differential clock inputs (`CK`, `CK#`) for timing precision.
---
### 4. Typical Applications
Due to its "R" suffix (often indicating "RoHS compliant" and "Tape & Reel" packaging) and the "V" designation (low voltage), it is commonly found in:
* **IoT Gateways:** Where low energy consumption is critical.
* **Automotive Dashboards:** Providing memory for digital instrument clusters.
* **Handheld Terminals:** Such as barcode scanners or POS systems.
---
### 5. Part Number Decoder (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **48** | Manufacturer Series (e.g., Mobile RAM) |
| **SV** | Supply Voltage (usually 1.8V) |
| **BV** | Package Type (VFBGA) |
| **ADT** | Speed Grade / Revision |
| **R** | Packaging (Tape & Reel) |
- ⤷
What is the exact memory density of the 48SV2-BVADT-R?
- ⤷ Is this part compatible with standard 3.3V SDRAM controllers?
- ⤷ What are the specific power-saving modes supported by this chip?