Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-RV0DRR

  • AI
    The **48SV2-RV0DRR** is a specialized high-performance cooling fan component, typically manufactured by **Nidec Corporation**. This specific model belongs to a series often used in server infrastructure, telecommunications, and industrial equipment where high static pressure and reliability are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Feature | Specification | | :--- | :--- | | **Frame Size** | 40mm x 40mm x 28mm (Standard 1U server height) | | **Voltage** | 12V DC | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Termination** | 4-Wire (VCC, GND, Tachometer, PWM) | | **Input Power** | High-amperage (typically 1.0A to 2.0A range) | | **Function** | Variable Speed Control via Pulse Width Modulation (PWM) | --- ### 2. Key Electronic Components Inside the 48SV2-RV0DRR, several critical electronic sub-assemblies work together to manage airflow and motor health: #### A. Integrated Circuit (IC) Controller * **PWM Logic:** The fan contains a built-in driver IC that interprets the 25kHz PWM signal from the motherboard/controller to adjust the Duty Cycle. * **Soft Start:** To prevent current spikes on the power rail during startup, the internal electronics gradually ramp up the motor speed. #### B. Sensors * **Hall Effect Sensor:** Used to detect the position of the permanent magnet rotor. This data is used by the controller for electronic commutation (switching the coils). * **Tachometer (FG Signal):** Provides a frequency output (usually 2 pulses per revolution) to the system to monitor actual RPM and detect fan failure. #### C. Protection Circuitry * **Locked Rotor Protection:** If the blades are obstructed, the electronic controller cuts power to the coils to prevent overheating and fire hazards, attempting a restart every few seconds. * **Reverse Polarity Protection:** Prevents damage if the VCC and Ground wires are accidentally swapped. --- ### 3. Pinout Configuration Since this is a 4-wire fan, the internal electronics are wired according to the standard high-performance fan pinout: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground (0V) | | **Red** | VCC | +12V Power Input | | **Yellow** | Tach | Speed output signal (Frequency Generator) | | **Blue** | PWM | Speed control input signal | --- ### 4. Typical Applications * **1U/2U Rackmount Servers:** Due to the 28mm depth, it provides the high static pressure needed to push air through dense heatsinks and RAM banks. * **Network Switches:** Used in core switches that operate 24/7. * **Power Supplies:** Internal cooling for high-wattage industrial PSUs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM for the 48SV2 series?
    • ⤷ How does the PWM signal control the motor speed in this fan?
    • ⤷ Can this fan be used with a 3-pin header if PWM is not available?