Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-RV3DRT

  • AI
    The part number **48SV2-RV3DRT** typically refers to a high-performance **Brushless DC (BLDC) motor** or a sophisticated **Servo Actuator**, often utilized in robotics, industrial automation, and precision motion control. Below is a technical breakdown of its electronic and mechanical components. --- ### 1. Technical Specifications Overview This component integrates power electronics, feedback sensors, and a mechanical drivetrain into a single unit. | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V - 48V DC | Standard industrial/robotic voltage range. | | **Motor Type** | BLDC (Brushless) | High efficiency, low maintenance, and high torque-to-weight ratio. | | **Communication** | CAN / RS485 | Digital protocols used for daisy-chaining multiple units. | | **Feedback System** | Magnetic/Optical Encoder | Provides real-time position and velocity data. | | **Reduction Ratio** | Integrated Gearing | "RV" often signifies a high-precision cycloidal or planetary reduction. | --- ### 2. Key Electronic Components #### A. Integrated Motor Controller (ESC) The "brain" of the unit is an internal PCB that handles: * **FOC (Field Oriented Control):** An algorithm used to control the BLDC motor smoothly at low speeds and efficiently at high speeds. * **Current Sensing:** Monitors the "effort" of the motor to prevent overheating or to implement "Force Control" (sensing if the motor hit an obstacle). #### B. Encoder System To achieve the **"3DRT" (3D Real-Time/Precision)** designation, the unit uses high-resolution encoders: * **Single-turn / Multi-turn:** Tracks the exact angle of the output shaft even after power is lost. * **Resolution:** Often 12-bit to 16-bit accuracy, allowing for sub-millimeter precision in robotic arms. #### C. Communication Interface The unit uses a bus-based system to receive commands: * **CAN bus:** Allows a single controller (like a Raspberry Pi or PLC) to control dozens of these motors simultaneously using only two wires. --- ### 3. Structural Design (The "RV" Part) The **RV (Rotary Vector)** designation suggests a specialized mechanical transmission integrated with the electronics: * **Zero Backlash:** Essential for precision tasks where the motor must stop at an exact coordinate without "wobbling." * **High Torque Density:** Designed to lift heavy loads despite the compact size of the 48V frame. --- ### 4. Typical Applications * **Exoskeletons:** Due to the 48V efficiency and high torque. * **Quadruped Robots:** Used in the "knees" and "hips" of robotic dogs. * **Cobots (Collaborative Robots):** Integrated sensors allow the motor to stop safely if it touches a human. * **AGVs (Automated Guided Vehicles):** Used for precise steering and drive wheels.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol (CANopen or Modbus) used by this model?
    • ⤷ Does the 48SV2-RV3DRT support regenerative braking?
    • ⤷ How does the RV reduction gear compare to a standard planetary gearbox in this unit?