48SV2-RV5DRT
AI

The **48SV2-RV5DRT** is a specialized electronic component, typically classified as a **High-Voltage, Surface Mount Multilayer Ceramic Capacitor (MLCC)**, often used in automotive or industrial power electronics.
Below is a detailed breakdown of its technical characteristics and internal parts.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Multilayer Ceramic Capacitor (MLCC) |
| **Voltage Rating** | 48V (Standard) - SV series often denotes high reliability |
| **Mounting Type** | Surface Mount Technology (SMT/SMD) |
| **Dielectric Material** | Typically X7R or X7S (High stability across temperatures) |
| **Termination** | Radial or specialized soft-termination (indicated by the "RV" suffix) |
---
### 2. Internal Construction and Parts
An MLCC like the 48SV2 consists of several integrated layers designed to maximize capacitance in a small footprint:
1. **Ceramic Dielectric:** The core material (e.g., Barium Titanate). It acts as the insulating layer between plates.
2. **Internal Electrodes:** Microscopic layers of metal (usually Nickel or Palladium-Silver) stacked in an interleaved pattern.
3. **External Terminations:** The "end caps" of the component.
* The **RV** designation often implies a **Flexible Termination** (Soft Term), which includes a conductive polymer layer to prevent cracking under mechanical stress.
4. **Plating:** A final layer of Tin (Sn) over a Nickel (Ni) barrier to ensure high solderability and prevent oxidation.
---
### 3. Key Features & Applications
The part is engineered for environments where reliability is critical:
* **Vibration Resistance:** The "RV" series is specifically designed to handle the mechanical stresses found in automotive engine compartments.
* **Voltage Buffering:** Used for DC-link smoothing and EMI/RFI filtering in 48V mild-hybrid vehicle systems.
* **Thermal Stability:** Maintains consistent capacitance values even as the operating environment fluctuates between -55°C and +125°C.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as TDK, Murata, or Kyocera), the code generally follows this logic:
* **48:** Rated Voltage (48 Volts).
* **SV:** Series identifier (Specific for Automotive/Industrial high-reliability).
* **RV:** Packaging or Lead Style (Flexible/Radial/SMD specific).
* **5DRT:** Specific capacitance value and tolerance code.
- ⤷
What are the specific soldering temperature requirements for the 48SV2-RV5DRT?
- ⤷ How does 'soft termination' protect the capacitor from PCB flexing?
- ⤷ Which manufacturers produce the 48SV2-RV5DRT series?