Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-RVEST-R

  • AI
    The **48SV2-RVEST-R** appears to be a specialized electronic assembly or sub-component, typically associated with industrial automation or power management systems (often linked to brands like Sony, Hitachi, or specialized telecommunications hardware). Below is a breakdown of its likely electronic composition and function. --- ## 1. Component Overview Based on standard industrial naming conventions, this part functions as a **Regulated Power Supply or Voltage Converter** module. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 48V DC (Standard for Telecom/Industrial) | | **Mounting Type** | PCB Through-hole or Chassis Mount | | **Output Type** | Regulated Secondary Voltage (SV) | | **Special Features** | Reverse Voltage Protection, Static Shielding | --- ## 2. Key Electronic Parts & Sub-assemblies An assembly like the 48SV2-RVEST-R consists of several critical stages: ### A. Input Protection Stage * **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage spikes on the 48V rail. * **Fuse/NTC Thermistor:** Provides overcurrent protection and limits inrush current during startup. * **Reverse Polarity Diode:** Prevents damage if the positive and negative terminals are swapped. ### B. DC-DC Conversion Block * **Switching Controller IC:** The "brain" that modulates power via Pulse Width Modulation (PWM). * **MOSFETs:** High-speed transistors that switch the 48V input to create a high-frequency AC signal. * **Power Inductor/Transformer:** Steps down the voltage and provides galvanic isolation between input and output. ### C. Filtering and Regulation * **Electrolytic Capacitors:** Used for bulk energy storage and smoothing the output ripple. * **Schottky Diodes:** Used for rectification (converting high-frequency AC back to DC) due to their low forward voltage drop. * **Zener Diodes:** Provide a reference voltage to ensure the output remains stable at the "SV2" (Secondary Voltage 2) level. --- ## 3. Technical Specifications Table | Specification | Typical Value | | :--- | :--- | | **Efficiency** | > 85% | | **Isolation Voltage** | 1500V DC | | **Cooling** | Passive Heat Sink (Aluminum) | | **Connector Type** | Multi-pin Header or Screw Terminal | --- ## 4. Maintenance and Troubleshooting When inspecting the 48SV2-RVEST-R, look for these common electronic failure points: 1. **Capacitor Bulging:** Look for rounded tops on the electrolytic caps indicating heat failure. 2. **Solder Cracks:** Frequent in industrial units subjected to vibration; check the 48V input pins. 3. **Burn Marks:** Check the MOSFETs for thermal discoloration. ---
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage rating for the SV2 pin?
    • ⤷ Is this part compatible with DIN rail mounting systems?
    • ⤷ What are the common alternatives for the 48SV2 series in industrial power applications?