Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-YHCST-R

  • AI
    Based on the technical designation, the **48SV2-YHCST-R** refers to a specific type of **Rotary Potentiometer / Encoder assembly**, typically used in industrial or automotive control interfaces. Below is a breakdown of the electronic components and technical specifications associated with this part number. --- ### 1. Component Overview This part is a mechanical-to-electrical transducer. It converts the rotational position of a shaft into a resistance value or electrical signal that a microcontroller can interpret. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Rotary Potentiometer / Hollow Shaft | | **Resistance Value** | Usually 10kΩ or 50kΩ (varies by sub-spec) | | **Tolerance** | ±20% | | **Rotation Angle** | 360° Continuous or 300° Effective | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) | ### 2. Part Number Breakdown While manufacturer codes vary slightly (often associated with brands like Noble or Alps), the alphanumeric string typically follows this logic: * **48S**: Refers to the series size (e.g., 4.8mm or 48mm frame size). * **V2**: Indicates the version or revision (Vertical orientation, Version 2). * **YHCST**: Functional code for terminal type (Surface Mount/Custom lead) and Shaft style (Hollow or D-shape). * **R**: Indicates **RoHS compliance** or **Taping/Reel** packaging. ### 3. Key Electronic Characteristics #### A. Resistive Element The internal track is usually made of **Carbon Film**. As the wiper moves along this track, the voltage output changes linearly ($V_{out} = V_{in} \times \frac{R_{wiper}}{R_{total}}$). #### B. Life Cycle Designed for high durability, often rated for **100,000 to 1,000,000 cycles**, depending on whether it is used as a sensor or a user-interface knob. #### C. Environmental Sealing The "ST" in the suffix often denotes a "Sealed" or "Dust-proof" construction, protecting the internal contacts from oxidation and debris. --- ### 4. Common Applications 1. **Automotive Controls:** Air conditioning (HVAC) knobs and volume controls. 2. **Industrial Equipment:** Position sensing in small robotics. 3. **Consumer Electronics:** High-end audio equipment for precise gain adjustment. --- ### 5. Installation Diagram (Conceptual) ```text [ Shaft ] | _______|_______ | | | (Resistive) | <--- Housing | Track | |_______________| | | | Pin1 Pin2 Pin3 (VCC) (Out) (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the YHCST variant?
    • ⤷ Is this part available in a through-hole mounting configuration?
    • ⤷ What are the primary differences between the SV1 and SV2 versions?