Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-YV5WST-R

  • AI
    The part number **48SV2-YV5WST-R** corresponds to a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically utilized in industrial and telecommunications applications where high efficiency and high power density are required. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the 48SV2-YV5WST-R module: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Nominal 48V) | | **Output Voltage** | 2.5V DC (Adjustable/Trim-able) | | **Max Output Current** | 60A - 80A (Depending on cooling) | | **Max Output Power** | Approx. 150W - 200W | | **Form Factor** | Half-Brick or Quarter-Brick (Industry Standard) | | **Efficiency** | Up to 91% - 93% | | **Isolation** | 1500V - 2250V DC | --- ## 2. Key Internal Electronic Components This module is a complex assembly consisting of several specialized electronic parts: ### A. Power MOSFETs Used for high-frequency switching to convert the input voltage. These are usually low $R_{DS(on)}$ Trench MOSFETs to minimize heat loss. ### B. Magnetic Components * **Planar Transformer:** Instead of a wire-wound bobbin, it uses PCB traces for windings, reducing height and improving thermal management. * **Inductors:** High-current storage inductors used for smoothing the output current. ### C. Control Circuitry * **PWM Controller:** Regulates the duty cycle of the switches to maintain a steady output voltage regardless of load changes. * **Feedback Optocouplers:** Provide electrical isolation while sending the output voltage status back to the primary controller. --- ## 3. Pinout and Connectivity Features The "-R" suffix often indicates **RoHS compliance** or specific mounting options (like through-hole pins). | Pin Category | Description | | :--- | :--- | | **Input Pins** | +Vin and -Vin (Source power) | | **Output Pins** | +Vout and -Vout (To the load) | | **Remote On/Off** | Allows the system to enable/disable the converter via a logic signal. | | **Sense Pins** | Compares voltage at the load to compensate for voltage drops in the wiring. | | **Trim Pin** | Allows the user to adjust the output voltage slightly (e.g., ±10%) using an external resistor. | --- ## 4. Protection Mechanisms The electronics inside are designed to protect both the module and the connected load: 1. **Over-Current Protection (OCP):** Shuts down if the load draws too much current. 2. **Over-Voltage Protection (OVP):** Prevents the output from spiking and damaging delicate chips. 3. **OTP (Over-Temperature):** Thermal sensors shut the unit down if internal temperatures exceed safe limits. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for this module at full load?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What is the specific physical footprint (Quarter-brick vs Half-brick) for this model?