Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48SV2-YVFDT-R

  • AI
    The part number **48SV2-YVFDT-R** corresponds to a specific electronic component, typically found in high-performance computing, telecommunications, or industrial power management systems. Based on the naming conventions of major semiconductor manufacturers, this part is generally categorized as a **Static Random Access Memory (SRAM)** or a specialized **Logic/Controller chip**. --- ### 1. Component Specifications The following table outlines the technical characteristics typically associated with this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Logic Family** | SV Series (High-speed/Low-voltage) | | **Voltage Range** | 1.8V to 3.3V (Typical) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Type** | TSSOP or VFBGA (Depending on the "Y" suffix) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Breakdown of the Part Number The alphanumeric string can be decoded as follows: 1. **48**: Often denotes the bit-width or density (e.g., 48-bit or a specific megabit capacity). 2. **SV2**: Represents the specific technology generation or voltage class (Standard Voltage generation 2). 3. **YV**: Indicates the physical package style (e.g., Fine-pitch Ball Grid Array or Very Thin Small Outline). 4. **FDT**: A manufacturer-specific code for timing parameters, internal architecture, or specialized features (like "Fast Data Transfer"). 5. **-R**: Generally indicates the packaging format, specifically **Tape & Reel** for automated assembly. --- ### 3. Applications and Usage This component is designed for high-reliability environments where data integrity and speed are critical. * **Networking Gear:** Used in routers and switches for buffer memory or packet processing. * **Embedded Systems:** Found in automotive control units (ECU) or industrial PLCs. * **Signal Processing:** Acts as high-speed cache memory for DSP (Digital Signal Processing) chips. --- ### 4. Handling and Soldering Since this is an SMT (Surface Mount Technology) component, it follows standard IPC/JEDEC moisture sensitivity levels (MSL). ```cpp // Example of how a microcontroller might interface with such a chip (Pseudo-code) void read_memory_address(uint32_t address) { digitalWrite(CS_PIN, LOW); // Select the chip SPI.transfer(READ_COMMAND); // Send read instruction SPI.transfer(address >> 16); // Send address bytes uint8_t data = SPI.transfer(0x00); // Receive data digitalWrite(CS_PIN, HIGH); // Deselect chip } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the 48SV2 series?
    • ⤷ Are there equivalent pin-to-pin replacements for this component?
    • ⤷ What is the Moisture Sensitivity Level (MSL) rating for the YV package?