Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 48V-2YV6-R

  • AI
    The model number **48V-2YV6-R** identifies a specific variant of a **Solid State Relay (SSR)** manufactured by **Opto 22**. It belongs to the Power Series line, designed for high-reliability switching of AC loads using low-voltage DC control signals. ### 1. Technical Specifications | Parameter | Specification | |:---|:---| | **Load Voltage Range** | 24–280 VAC | | **Current Rating** | 2 Amps | | **Control Voltage** | 3–32 VDC | | **Switching Type** | Zero-Voltage (Zero-Cross) | | **Termination** | Printed Circuit Board (PCB) Mount | | **Package Style** | Vertical (Slim) | --- ### 2. Breakdown of the Part Number The alphanumeric code describes the physical and electrical characteristics of the component: * **48V**: Indicates the voltage series (often associated with the 240V-280V operational range). * **2**: Represents the maximum continuous load current (2 Amps). * **Y**: Signifies the package style, in this case, a SIP (Single In-line Package) designed for vertical PCB mounting. * **V**: Denotes that it is a **Vertical** mount orientation. * **6**: A specific revision or manufacturing code (often relating to the 600V peak blocking voltage). * **-R**: Indicates **RoHS compliance** (Lead-free). --- ### 3. Key Electronic Features #### Zero-Voltage Switching This SSR uses **Zero-Cross** technology. It waits for the AC sine wave to pass through zero volts before turning on. This minimizes electromagnetic interference (EMI) and reduces the inrush current stress on the load. #### Optical Isolation The "Opto" in Opto 22 refers to the internal **Optoisolator**. The control side (DC) is electrically isolated from the load side (AC) via an infrared LED and a photosensitive Triac. This protects the sensitive microcontroller or PLC from high-voltage spikes on the AC line. #### Snubber Circuit These units typically include an internal **RC Snubber network**. This prevents false triggering caused by high "dv/dt" (rapid voltage changes) common in inductive loads like small motors or solenoids. --- ### 4. Common Applications Due to its small footprint and 2A rating, this part is commonly used in: * **Industrial Automation:** Actuating small solenoids or valves. * **HVAC:** Controlling fan motors or dampers. * **Lighting:** Switching LED or incandescent banks from a 5V/12V logic signal. * **Medical Equipment:** Silent switching where mechanical relay noise is unwanted.
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching for this SSR?
    • ⤷ How do I calculate the heat dissipation requirements for a 2A load?
    • ⤷ Can this SSR be used to switch a DC load instead of AC?