Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 4J1-R1

  • AI
    The **4J1-R1** typically refers to a specific electronic component, most commonly identified as a **high-precision surface-mount resistor** or a specific **potentiometer/trimmer** series depending on the manufacturer (often associated with Bourns or generic industrial coding). Below is a detailed breakdown of the technical specifications, characteristics, and common applications for this type of component. --- ### 1. Technical Specifications Components with the "R1" suffix often denote a resistance value of **0.1 Ohms** or a specific revision of a hardware module. If this is a resistor/current sense component, the specs are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor / Current Shunt | | **Resistance Value** | 0.1 $\Omega$ (R1 notation) | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | | **Mounting Type** | Surface Mount (SMD) | | **Power Rating** | Typically 0.25W to 1W (Size dependent) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Key Internal Characteristics The 4J1-R1 is designed with specific materials to ensure stability under electrical load: * **Substrate:** Usually high-purity Alumina ($Al_2O_3$) for heat dissipation. * **Resistive Element:** Metal glaze or thick film layer. * **Termination:** Lead-free tin (Sn) over a nickel (Ni) barrier to prevent leaching during soldering. * **Protection:** Epoxy or glass overcoat to protect against humidity and physical abrasion. --- ### 3. Circuit Functionality In an electronic assembly, the 4J1-R1 serves three primary roles: 1. **Current Sensing:** Because of its low resistance (0.1 Ohm), it is placed in series with a load. The voltage drop across it is measured to calculate current flow ($I = V/R$). 2. **Voltage Division:** Used in precision networks to scale down voltages for microcontroller inputs. 3. **Impedance Matching:** Used in high-frequency circuits to prevent signal reflection. --- ### 4. Implementation Example (C++ Pseudo-code) If using this component as a current sensor with an Arduino or Microcontroller, the calculation logic would look like this: ```cpp float readCurrent(int pin) { float voltage = analogRead(pin) * (5.0 / 1023.0); float resistance = 0.1; // The "R1" value float current = voltage / resistance; return current; } ``` --- ### 5. Common Applications * **Power Supplies:** Monitoring output current for over-current protection. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles. * **Motor Controllers:** Feedback loops for torque and speed control. * **Consumer Electronics:** Power management in laptops and smartphones.
    ✨ Follow-up Questions
    • ⤷What is the exact physical package size (e.g.
    • ⤷ 0805 or 1206) for this part?
    • ⤷ How does the tolerance of the 4J1-R1 affect measurement accuracy?
    • ⤷ Can this part be used in high-voltage pulse applications?