AI

### Analysis of the 5HFP5-R Component
The **5HFP5-R** is a specific type of **radial leaded, fast-acting subminiature fuse** manufactured by **Bel Fuse Inc.** It belongs to the 5HFP series, which is widely used in telecommunications, power supplies, and consumer electronics to protect circuits against overcurrent conditions.
---
### Technical Specifications
The following table outlines the core electrical and physical characteristics of the 5HFP5-R:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | 5HFP 5-R |
| **Rated Current** | 5 Amperes (5A) |
| **Rated Voltage** | 250V AC |
| **Fuse Type** | Fast-Acting (Quick-Acting) |
| **Form Factor** | Subminiature Radial (5.08mm pitch) |
| **Body Material** | Ceramic (High Breaking Capacity) |
| **Compliance** | RoHS 6 Compliant, UL/CSA/VDE Recognized |
| **Mounting Type** | Through-hole |
---
### Key Features & Design
1. **Fast-Acting Characteristic:** The "HFP" designation indicates a fast-acting blow speed. This means the fuse is designed to open almost immediately upon reaching a specific threshold of overcurrent, protecting sensitive semiconductor components.
2. **Ceramic Body:** Unlike glass fuses, the ceramic body provides a higher breaking capacity (interrupting rating), allowing it to handle higher fault currents safely without exploding or shattering.
3. **Lead-Free (-R):** The "-R" suffix indicates that the part is fully compliant with RoHS (Restriction of Hazardous Substances) standards, meaning it is lead-free.
4. **Compact Footprint:** Its radial design (leads coming out of the bottom) is optimized for high-density Printed Circuit Boards (PCBs) where horizontal space is limited.
---
### Typical Applications
The 5HFP5-R is commonly found in the following electronic sectors:
* **Power Supplies:** Primary or secondary circuit protection.
* **Chargers:** Protecting AC/DC adapters for laptops or smartphones.
* **Monitors/TVs:** Safeguarding internal power rails.
* **Industrial Controllers:** Protecting PLC outputs and sensor circuits.
---
### Interrupting Ratings
A critical aspect of the 5HFP series is its ability to safely interrupt high currents:
* **At 250V AC:** Usually rated to interrupt 100A to 200A.
* **Safety Approvals:** It carries global marks including **cURus**, **PSE**, and **SEMKO**, ensuring it meets international safety standards for fire and shock protection.
- ⤷
What is the difference between the 5HFP and the 5ET series from Bel Fuse?
- ⤷ How does the interrupting rating affect the safety of this fuse in a high-voltage circuit?
- ⤷ Can this fuse be used in DC applications
- ⤷ or is it strictly for AC?