Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 5HFP8-R

  • AI
    ## Technical Overview of the 5HFP8-R The **5HFP8-R** is a specific type of electronic component categorized as a **subminiature, high-breaking capacity fuse**. It is manufactured by **Bel Fuse Inc.** and belongs to their "5HFP" series. These components are primarily used for overcurrent protection in sensitive electronic circuits. --- ### 1. Key Specifications The part number "5HFP8-R" can be broken down to understand its technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | 5HFP | High-breaking capacity, fast-acting 5x20mm fuse. | | **Current Rating** | 8A | Rated to carry 8 Amperes continuously. | | **Voltage Rating** | 250V AC | Maximum operating voltage. | | **Response Time** | Fast-Acting (F) | Designed to open quickly upon overload. | | **Body Material** | Ceramic | Provides higher breaking capacity than glass. | | **Form Factor** | 5mm x 20mm | Standard small-cartridge physical size. | | **Termination** | Pigtail Leads | The "P" indicates axial leads for PCB mounting. | | **Compliance** | RoHS Compliant | The "-R" suffix indicates lead-free/RoHS compliance. | --- ### 2. Physical Construction The 5HFP8-R differs from standard household fuses in several ways: * **Ceramic Tube:** Unlike transparent glass fuses, the ceramic body allows the fuse to withstand much higher internal pressure during a short circuit. * **Arc Quenching:** The interior is often filled with silica sand. In the event of a high-current fault, the sand melts to extinguish the electrical arc, preventing the fuse from exploding. * **Axial Leads:** The pigtail wires allow the component to be soldered directly onto a Printed Circuit Board (PCB) without needing a fuse holder. --- ### 3. Electrical Performance As a **Fast-Acting** fuse, the 5HFP8-R is engineered to protect components that cannot withstand even brief surges. * **Breaking Capacity:** It typically features a high interrupt rating (often up to 1500A at 250V AC), meaning it can safely disconnect very high fault currents without physical rupture. * **Typical Applications:** * Power supplies (SMPS) * Industrial instrumentation * Monitors and display cooling systems * Medical equipment --- ### 4. Comparison: Ceramic vs. Glass Fuses | Feature | 5HFP (Ceramic) | Standard Glass Fuse | | :--- | :--- | :--- | | **Breaking Capacity** | High | Low | | **Safety** | High (No shattering) | Risk of glass shattering | | **Visual Inspection** | Cannot see filament | Filament is visible | | **Cost** | Slightly higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the difference between fast-acting and slow-blow fuses in PCB design?
    • ⤷ Can I replace a 5HFP8-R with a glass fuse of the same amperage?
    • ⤷ How do I calculate the correct fuse rating for a 250V circuit?