Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 5TT4-R

  • AI
    The **5TT4** series (specifically referring to the **Siemens SENTRON 5TT4** product line) consists of **Remote Control Switches** (also known as Impulse Relays or Latching Relays) used for controlling lighting and electrical circuits from multiple locations. Below is a technical breakdown of its electronic and mechanical components. --- ### 1. Key Technical Specifications The "R" in the series typically denotes specific mounting or functional variants (such as specific rated currents or coil voltages). | Feature | Specification | | :--- | :--- | | **Device Type** | Remote Control Switch / Impulse Relay | | **Mounting** | DIN Rail (standard 35mm) | | **Rated Current ($I_n$)** | Typically 16A to 63A | | **Control Voltage ($U_s$)** | 8V, 12V, 24V, 115V, or 230V AC/DC | | **Contact Configuration** | 1 NO, 2 NO, 1 NO + 1 NC, etc. | | **Switching Cycles** | ~50,000 electrical / ~1,000,000 mechanical | --- ### 2. Functional Electronic Parts While these are electro-mechanical devices, they consist of several critical internal parts: #### A. The Electromagnetic Coil The heart of the 5TT4 is the solenoid coil. When a momentary pulse (from a pushbutton) is applied, the coil creates a magnetic field that pulls an internal armature. Unlike a standard relay, it only requires power during the "flip" of the switch state. #### B. The Ratchet Mechanism (Latching) This is what differentiates the 5TT4 from a standard contactor. It uses a mechanical cam or ratchet: * **Pulse 1:** Coil moves armature -> Ratchet rotates -> Contacts Close (Stay closed). * **Pulse 2:** Coil moves armature -> Ratchet rotates again -> Contacts Open (Stay open). #### C. Contacts (AgSnO2) The internal contacts are usually made of Silver Tin Oxide. This material is chosen for its resistance to "welding" and its ability to handle high inrush currents from modern LED drivers or fluorescent lamps. --- ### 3. Wiring Configuration The device typically features terminals for both the **Power Circuit** and the **Control Circuit**. ```mermaid graph LR A[Pushbutton] --> B(Coil Terminals A1/A2) C[Main Power] --> D(Main Contacts 1/2) D --> E[Lamp/Load] ``` --- ### 4. Application Advantages * **Energy Efficiency:** Since it only consumes power during the switching moment (pulse), there is no "holding current" or coil heat generation during long periods of operation. * **Multi-point Control:** Allows an unlimited number of pushbuttons to control one light source using only two thin wires for the control circuit. * **Manual Override:** Most 5TT4 models feature a manual switch on the front for testing or emergency bypass. --- ### 5. Common Variants * **5TT4 101:** 1 NO contact, 230V AC control. * **5TT4 102:** 2 NO contacts. * **5TT4 105:** Low voltage control (e.g., 24V AC) for safety in wet areas.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 5TT4 impulse relay and a standard magnetic contactor?
    • ⤷ How do I calculate the maximum number of pushbuttons I can connect to a 5TT4-R?
    • ⤷ Can the 5TT4 be used with DC loads
    • ⤷ or is it strictly for AC?