AI

## Technical Overview of 5VTP1-R
The **5VTP1-R** is a specific type of **Time-Delay (Slow-Blow) Glass Tube Fuse**. It is widely used in electronic circuits to protect sensitive components from overcurrent conditions while allowing for temporary surges (inrush current).
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for this component:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | 5VTP |
| **Fuse Type** | Glass Tube (Time-Delay / Slow-Blow) |
| **Current Rating** | 1A (Typical for this specific suffix) |
| **Voltage Rating** | 250V AC |
| **Interrupting Rating** | 35A @ 250V AC / 10,000A @ 125V AC |
| **Dimensions** | 5mm x 20mm |
| **Mounting Type** | Holder / Clip |
| **Material** | Glass body with Nickel-plated brass end caps |
| **Compliance** | RoHS 6 Compliant, UL/CSA Recognized |
---
### 2. Functional Description
The "Time-Delay" (T) characteristic is the most critical aspect of the 5VTP1-R.
* **Surge Tolerance:** Unlike "Fast-Acting" fuses, the 5VTP1-R is designed to withstand a brief spike in current (such as when a motor starts or a capacitor charges).
* **Protection Mechanism:** If the current exceeds the rated 1A for a sustained period, the internal filament melts, breaking the circuit to prevent fire or damage to the PCB.
* **Visual Inspection:** Because the body is glass, the internal element is visible, allowing for quick manual inspection to see if the fuse has "blown."
---
### 3. Part Number Decoding
The part number follows a standard nomenclature used by manufacturers like **Bel Fuse**:
1. **5VTP:** The series designation (5x20mm, Time-Delay, axial lead or cartridge).
2. **1:** Represents the Amperage rating (1 Ampere).
3. **-R:** Indicates "RoHS Compliant" (Restriction of Hazardous Substances).
---
### 4. Common Applications
Due to its slow-blow nature, the 5VTP1-R is commonly found in:
* **Power Supplies:** Protecting the input stage from inrush current.
* **LED Drivers:** Handling the initial surge when lights are switched on.
* **Consumer Electronics:** Chargers, monitors, and audio equipment.
* **Industrial Controls:** Small motors and solenoid valves.
- ⤷
What is the difference between the 5VTP1-R and a fast-acting 5VF series fuse?
- ⤷ Can I use a 5VTP1-R in a 12V DC circuit even though it is rated for 250V AC?
- ⤷ What are the soldering considerations if I use the axial leaded version of this fuse?