6125FF1-R
AI

The **6125FF1-R** is a specific model of a Surface Mount Device (SMD) fuse, manufactured by **Eaton (formerly Bussmann)**. It belongs to the 6125FF series, known for its "Fast-Acting" characteristics and Brick transformer-like shape.
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of the 6125FF1-R:
| Parameter | Specification |
| :--- | :--- |
| **Series** | 6125FF (Fast-Acting) |
| **Current Rating** | 1 Ampere |
| **Voltage Rating (AC)** | 125 Vac |
| **Voltage Rating (DC)** | 72 Vdc |
| **Interrupting Rating** | 50A @ 125Vac / 50A @ 72Vdc |
| **Package / Case** | 2410 (6125 Metric) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Fuse Type** | Square Ceramic Surface Mount Fuse |
| **RoHS Compliant** | Yes (Lead-Free) |
---
### ## Key Features
1. **Fast-Acting Performance:** The "FF" in the part number stands for **Fast-Acting**. This means the fuse is designed to open very quickly when an overcurrent condition occurs, protecting sensitive downstream components from damage.
2. **Brick Design:** The 2410 (6.1 x 2.5 mm) footprint is often referred to as a "Brick" fuse. This design provides high mechanical strength and excellent thermal stability compared to thin-film fuses.
3. **High Inrush Withstand:** Despite being fast-acting, the ceramic body construction allows it to handle moderate vibration and thermal shock.
4. **Solderability:** It is designed to withstand standard infrared and vapor phase reflow soldering processes.
---
### ## Common Applications
The 6125FF1-R is typically used in secondary circuit protection where space is limited but reliability is critical:
* **LCD Monitors & Backlight Inverters:** Protecting the power rails of display panels.
* **Medical Equipment:** Small-scale portable diagnostic tools.
* **Power Supplies:** Used in DC-DC converters and AC-DC adapters.
* **Consumer Electronics:** Laptops, game consoles, and white goods control boards.
* **Telecom Infrastructure:** Protection for line cards and networking equipment.
---
### ## Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **6125:** Indicates the physical size (6.1mm x 2.5mm).
* **FF:** Indicates the speed characteristic (Fast-Acting).
* **1:** Indicates the amperage (1 Amp).
* **-R:** Indicates RoHS compliance.
- ⤷
What is the difference between the 6125FF and the 6125TD (Time-Delay) series?
- ⤷ What are the recommended landing pattern dimensions for a 2410 package?
- ⤷ Can this fuse be used in automotive applications requiring AEC-Q200 qualification?