Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 6125FF5-R

  • AI
    The **6125FF5-R** is a specific surface-mount fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in electronic circuits to provide overcurrent protection for sensitive components. --- ## 1. Technical Specifications Below is a breakdown of the electrical and physical characteristics of the 6125FF5-R: | Parameter | Specification | | :--- | :--- | | **Part Number** | 6125FF5-R | | **Current Rating** | 5 Amperes (5A) | | **Voltage Rating (AC/DC)** | 125V AC / 72V DC | | **Fuse Type** | Fast-Acting (FF) | | **Package Size** | 6125 (Metric) / 2410 (Imperial) | | **Interrupt Rating** | 50A @ 125VAC / 300A @ 72VDC | | **Material** | Ceramic tube, silver-plated end caps | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Features * **Fast-Acting Performance:** The "FF" in the part number stands for "Fast-Acting." This means the fuse is designed to open very quickly when an overload occurs, protecting downstream sensitive ICs. * **Brick Design:** It utilizes a square ceramic body (often called a "Brick" fuse) which provides excellent mechanical strength and thermal stability compared to glass or thin-film fuses. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and complies with RoHS environmental standards. * **High Inrush Withstand:** Despite being fast-acting, the 6125 series is engineered to handle reasonable start-up current pulses without nuisance tripping. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying similar parts in the series: | Segment | Meaning | | :--- | :--- | | **6125** | The physical dimensions (approx. 6.1mm x 2.5mm) | | **FF** | Fast-Acting characteristic | | **5** | The Ampere rating (5 Amps) | | **-R** | RoHS compliant / Lead-free | --- ## 4. Typical Applications The 6125FF5-R is commonly found in power management stages of various electronics: 1. **LCD Monitors & TVs:** Protecting backlight inverters and main logic boards. 2. **Server Storage:** Used in hot-swappable hard drive trays and power distribution units. 3. **Industrial Controllers:** Protection for PLC inputs and power rails. 4. **Battery Management Systems (BMS):** Serving as a secondary safety layer for lithium-ion protection circuits. --- ## 5. Footprint Information If you are designing a PCB, here is a simplified footprint guide: ```text Dimensions (approx): Length: 6.10 mm (+/- 0.2) Width: 2.49 mm (+/- 0.1) Height: 2.49 mm (+/- 0.1) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'FF' (Fast-Acting) and 'T' (Time-Delay) versions of this fuse?
    • ⤷ What are the recommended soldering profiles for this 6125 package?
    • ⤷ Can I use the 6125FF5-R in a 220V AC application?