Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 68TAG-R

  • AI
    The **68TAG-R** typically refers to a high-frequency **RFID (Radio Frequency Identification) Tag**, commonly used in industrial automation, supply chain management, and tracking systems. These tags are designed to operate in harsh environments where durability is required. --- ## 1. Core Component Breakdown The electronic structure of a 68TAG-R consists of three primary elements: | Component | Description | Function | | :--- | :--- | :--- | | **Integrated Circuit (IC)** | A small silicon chip (often from the NXP ICODE or similar series). | Stores the unique ID (UID) and processes the radio signals. | | **Antenna Coil** | A copper or etched aluminum coil. | Acts as the communication interface; it captures energy from the reader and transmits data. | | **Encapsulation** | Durable housing (often PPS or Epoxy). | Protects the internal electronics from moisture, heat, and pressure. | --- ## 2. Technical Specifications Most tags under the 68TAG designation follow the **ISO/IEC 15693** standard. * **Operating Frequency:** 13.56 MHz (High Frequency / HF). * **Memory Structure:** Typically contains 1k to 2k bits of EEPROM, divided into blocks. * **Read Range:** Generally between 10cm to 100cm (depending on the reader and antenna size). * **Data Retention:** Usually rated for 10 to 50 years. * **Write Endurance:** Approximately 100,000 cycles. --- ## 3. Communication Logic The tag is **passive**, meaning it does not have a battery. It operates using **Inductive Coupling**: 1. **Energy Harvest:** The RFID reader creates an electromagnetic field. When the tag enters this field, the antenna coil induces a small current. 2. **Power Up:** The IC wakes up using this harvested energy. 3. **Modulation:** The IC sends back its stored data by varying the load on the antenna (Load Modulation), which the reader detects. --- ## 4. Key Features & Applications ### Features * **Anti-collision:** Allows multiple tags to be read simultaneously in the same field. * **Ruggedness:** Often resistant to chemicals, high temperatures (up to 180°C in some variants), and high pressure. * **Unique UID:** Every chip has a factory-programmed, non-changeable 64-bit ID. ### Common Applications * **Laundry Tracking:** Withstanding high-heat drying and chemical washing. * **Tool Management:** Identifying CNC bits or industrial tools. * **Asset Tracking:** Monitoring gas cylinders or heavy equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 68TAG-R?
    • ⤷ How does the ISO/IEC 15693 standard differ from NFC?
    • ⤷ What type of RFID reader is compatible with this tag?