Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 8114-R

  • AI
    The **8114-R** refers to a specific series of high-performance, programmable DC electronic loads, most notably manufactured by brands like **Chroma** or **Itech** (part of the 8000 series systems). These units are designed to test power supplies, batteries, and DC-to-DC converters. --- ### 1. Key Technical Specifications The "R" suffix often denotes specific enhancements such as **Recuperative** capabilities (returning energy to the grid) or **High Resolution/Rapid Response** features. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically supports up to 150V - 600V (model dependent). | | **Power Rating** | Ranges from 100W to several kilowatts in modular setups. | | **Operating Modes** | CC (Constant Current), CV (Constant Voltage), CP (Constant Power), and CR (Constant Resistance). | | **Interface** | RS-232, USB, GPIB, or LAN for automated testing. | --- ### 2. Core Electronic Components The internal architecture of the 8114-R consists of several critical subsystems: #### A. Power Stage (MOSFET/IGBT Array) The heart of the unit consists of high-power **MOSFETs** or **IGBTs** mounted on massive heat sinks. These components dissipate the energy from the device under test (DUT). In "R" models with regenerative features, these act as an inverter to sync power back to the AC line. #### B. Control Logic (DSP/FPGA) * **Microprocessor:** Manages the user interface and remote commands. * **DSP (Digital Signal Processor):** Handles the high-speed feedback loops required to maintain precise Constant Current or Constant Voltage states. #### C. Measurement Circuitry * **Precision Shunt Resistors:** Used to measure current with high accuracy. * **A/D Converters:** High-resolution Analog-to-Digital converters (often 16-bit or higher) translate analog voltage/current levels into digital data for the display. #### D. Protection Circuits To prevent damage to both the load and the DUT, the 8114-R includes: * **OVP/OCP:** Over-Voltage and Over-Current protection. * **OPP:** Over-Power protection. * **OTP:** Over-Temperature protection via thermal sensors on the heat sinks. --- ### 3. Common Applications 1. **Battery Discharge Testing:** Simulating real-world loads to calculate Ah capacity. 2. **Power Supply Burn-in:** Testing the stability of power bricks over long periods. 3. **Solar Panel Testing:** Simulating different load conditions to map I-V curves.
    ✨ Follow-up Questions
    • ⤷ How does the regenerative 'R' feature differ from a standard dissipative electronic load?
    • ⤷ What are the calibration requirements for the 8114-R series?
    • ⤷ Can the 8114-R be controlled via Python or LabVIEW?