A-2004-2-4-LP-FS-R
AI

The part number **A-2004-2-4-LP-FS-R** typically refers to a specific type of **RJ45 Modular Jack** connector, often manufactured by companies like **Assmann WSW Components**. These components are standard in networking and telecommunications hardware.
---
## Technical Specifications Breakdown
The alphanumeric code describes the physical and electrical characteristics of the connector. Below is a breakdown of what each segment represents:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **A-2004** | Base Series | Represents the RJ45 (8P8C) modular jack family. |
| **2** | Number of Ports | Indicates this is a **Dual Port (2-port)** side-by-side connector. |
| **4** | Number of Contacts | Specifically indicates the wiring configuration (usually 8P8C for RJ45). |
| **LP** | Profile | Stands for **Low Profile**, meaning the height of the jack is reduced for slim devices. |
| **FS** | Shielding | Stands for **Full Shielded**. The connector has a metal shell to prevent EMI. |
| **R** | Packaging/RoHS | Indicates **RoHS compliance** and often signifies **Reel** or specific tray packaging. |
---
## Key Electronic Features
### 1. Shielding (FS)
The "FS" designation is critical for electronic integrity. The metal housing wraps around the plastic body to:
* **Reduce EMI:** Protects the data signal from Electromagnetic Interference.
* **Grounding:** Provides a path to the PCB ground via integrated "solder tabs" or "grounding fingers."
### 2. Low Profile (LP) Design
This part is engineered for space-constrained PCB environments.
* **Physical Height:** Usually significantly shorter than standard RJ45 jacks.
* **Application:** Used in thin networking switches, laptops, or embedded IoT devices.
### 3. Contact Materials
* **Plating:** Most variations of this part use **Gold plating** over Nickel on the contact surface to prevent corrosion and ensure high conductivity over thousands of mating cycles.
* **Durability:** Rated for approximately 750 mating cycles.
### 4. Mounting Type
* **Through-Hole (THT):** This part typically features pins that go through the PCB and are soldered on the opposite side for mechanical strength, which is necessary for connectors that experience physical strain.
---
## Summary Table
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Orientation** | Right Angle (Side Entry) |
| **Number of Ports** | 2 |
| **Shielding** | Fully Shielded |
| **Environmental** | RoHS Compliant |
- ⤷
What are the specific PCB footprint dimensions for this 2-port jack?
- ⤷ Does this model include integrated magnetics (MagJack) or is it a non-filtered connector?
- ⤷ What is the recommended soldering temperature profile for the A-2004 series?