A-DF25LL-WP-R
AI

## Technical Overview: A-DF25LL-WP-R
The **A-DF25LL-WP-R** is a specialized electronic connector produced by **Assmann WSW Components**. It belongs to the D-Subminiature family, specifically designed for environments where moisture and dust protection are critical.
---
### 1. Component Specifications
The following table outlines the primary technical characteristics of the A-DF25LL-WP-R:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Gender** | Female (Socket) |
| **Number of Positions** | 25 Pins |
| **Mounting Type** | Through Hole, Right Angle (R/A) |
| **Waterproof Rating** | IP67 / IP68 |
| **Termination** | Solder |
| **Contact Material** | Copper Alloy |
| **Plating** | Gold (Flash or specified thickness) |
| **Shell Material** | Steel, Tin Plated |
---
### 2. Key Electronic & Physical Attributes
#### Waterproofing (WP Designation)
The "WP" in the part number signifies **Waterproof**. This connector includes an integrated O-ring or silicone seal and a potting compound. This ensures that the connection remains secure even when exposed to splashing water or brief immersion, making it ideal for outdoor industrial equipment.
#### Right Angle Orientation (LL-R)
The "LL" typically refers to the lead length or mounting style, while the "R" indicates a **Right Angle** PCB mount. This allows the connector to be mounted on the edge of a circuit board, with the interface facing outward horizontally, saving vertical space within an enclosure.
#### 25-Pin Configuration (Density)
This is a standard density D-Sub 25 (DB25). While historically used for parallel printer ports, in modern electronics, it is frequently used for:
* RS-232 serial communication.
* Multi-channel analog audio.
* Industrial control signals (PLC interfaces).
---
### 3. Electrical Performance Limits
To ensure circuit safety, the following electrical limits should be observed:
```yaml
Electrical_Limits:
Current_Rating: 3A to 5A per contact
Voltage_Rating: 250V AC/DC
Insulation_Resistance: 5000 MΩ Min
Dielectric_Strength: 1000V AC for 1 minute
Operating_Temperature: -55°C to +105°C
```
---
### 4. Common Applications
* **Industrial Automation:** Sensors and actuators in damp environments.
* **Telecommunications:** Outdoor base station interfaces.
* **Marine Electronics:** Navigation and sonar equipment.
* **Medical Equipment:** Devices requiring frequent sanitization or fluid resistance.
- ⤷
What is the specific footprint or PCB layout dimension for the A-DF25LL-WP-R?
- ⤷ Does this connector require a specific mating cable to maintain the IP67 rating?
- ⤷ Are there high-density (3rd row) versions of this waterproof D-sub connector?