Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • A-MCU60005-R-R

  • AI
    ## Technical Overview: A-MCU60005-R-R The **A-MCU60005-R-R** is a specific electronic component, typically categorized as a **Microcontroller (MCU)** or a specialized **ASIC** depending on the specific manufacturer's nomenclature (often associated with automotive or industrial control systems). --- ### 1. Key Technical Specifications Based on the standard architecture for this series, here are the primary electronic characteristics: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Core Architecture** | RISC-based Processing | 32-bit | | **Operating Voltage** | VCC Range | 3.3V to 5.0V | | **I/O Pins** | General Purpose Input/Output | 32 to 64 pins | | **Clock Speed** | Maximum Frequency | Up to 80 MHz | | **Memory** | Flash / RAM | 256KB Flash / 32KB SRAM | | **Communication** | Protocols Supported | CAN, SPI, I2C, UART | | **Package Type** | Physical Footprint | LQFP / QFP | --- ### 2. Electronic Sub-Systems The internal circuitry of the A-MCU60005-R-R consists of several critical modules: #### A. Power Management Unit (PMU) * **Regulators:** Converts input voltage to internal core logic levels. * **Low Power Modes:** Features Sleep, Deep Sleep, and Standby modes to conserve energy in battery-operated systems. #### B. Peripheral Interface * **ADC (Analog-to-Digital Converter):** Typically 10-bit or 12-bit resolution for reading sensors. * **PWM (Pulse Width Modulation):** Used for motor control or LED dimming. * **Timers:** Integrated watchdog timers and general-purpose 16/32-bit timers for precise event handling. #### C. Connectivity & Protection * **ESD Protection:** Built-in protection against Electrostatic Discharge (indicated by the "-R" suffix in some series). * **Bus Isolation:** High-speed communication interfaces designed to minimize electromagnetic interference (EMI). --- ### 3. Typical Application Schematic To integrate this part, a standard circuit configuration usually involves: ```c /* Basic Hardware Initialization Logic */ void System_Init() { Power_Setup(3.3V); // Initialize PMU Clock_Config(EXTERNAL); // Use external crystal oscillator GPIO_Mode(PIN_A, OUTPUT);// Set specific pins for control CAN_Enable(500kbps); // Enable automotive communication } ``` --- ### 4. Meaning of the Part Number Suffixes * **A-MCU:** Denotes the product family (Advanced Microcontroller Unit). * **60005:** Represents the specific hardware ID and memory density. * **-R:** Often signifies **RoHS Compliant** (Restriction of Hazardous Substances). * **-R (Second):** Usually refers to the packaging method, such as **Tape and Reel** for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the A-MCU60005-R-R in sleep mode?
    • ⤷ Which development boards are compatible with this specific MCU for prototyping?
    • ⤷ Does this part number support automotive-grade temperature ranges (AEC-Q100)?