Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • A10403-RSCBK

  • AI
    The **A10403-RSCBK** is a specific part number for a rotary switch manufactured by **C&K** (now part of Littelfuse). It is a high-quality, panel-mounted electromechanical component used to select different electrical paths by rotating a central shaft. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | C&K (Littelfuse) | | **Switch Type** | Rotary Switch | | **Number of Positions** | 4 Positions | | **Number of Poles** | 1 Pole | | **Contact Timing** | Non-Shorting (Break-Before-Make) | | **Actuator Type** | Flatted (Shaft) | | **Termination Style** | PC Pin (Through-hole mounting) | | **Contact Rating** | 2.5A @ 125 VAC; 350mA @ 125 VDC | --- ### 2. Part Number Breakdown (Nomenclature) To understand the electronic capabilities of this part, we can decode the alphanumeric code: * **A104**: Represents the series (A-Series) and the configuration (1 Pole, 4 Positions). * **03**: Refers to the specific indexing angle (typically 30 degrees between positions). * **RS**: Indicates the termination and mounting style (often "R" for PC pins and "S" for shorting/non-shorting specifics). * **CBK**: * **C**: Circular/Standard base. * **B**: Contact Material (typically Gold over Silver, suitable for low and high power). * **K**: RoHs compliant / Black finish or specific hardware options. --- ### 3. Functional Details #### Contact Mechanism The **Non-Shorting** (Break-Before-Make) feature is critical. It means that as you turn the dial, the connection to the current position is fully broken before the connection to the next position is established. This prevents momentary short-circuiting between two output channels. #### Material Composition * **Contacts:** Usually made of silver-plated copper alloy or gold over silver. Gold plating allows for better conductivity in low-level signal switching by preventing oxidation. * **Housing:** Glass-filled nylon (6/6), which provides high thermal stability and electrical insulation. #### Applications This component is commonly found in: 1. **Industrial Controls:** Mode selection for machinery. 2. **Audio Equipment:** Input selectors or gain step controls. 3. **Test & Measurement:** Multi-meters or signal generator range selectors. 4. **Medical Devices:** Control interfaces requiring tactile feedback. --- ### 4. Physical Dimensions (Typical) * **Shaft Length:** Usually ~38mm (can be trimmed). * **Bushing:** 3/8-32 thread for panel mounting. * **Rotation:** Limited to 4 positions with a mechanical stop.
    ✨ Follow-up Questions
    • ⤷ What is the difference between shorting and non-shorting contacts in rotary switches?
    • ⤷ Can the A10403-RSCBK be used for high-voltage industrial applications?
    • ⤷ How do I wire a 1-pole 4-position switch for a simple LED selector?