Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • A23Z1-R

  • AI
    The **A23Z1-R** typically refers to a high-performance **Zener Diode** or a specific **Transient Voltage Suppressor (TVS)** component, often found in automotive or industrial power supply protection circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The A23Z1-R is designed for voltage regulation and circuit protection. The "23" in the part number often indicates its nominal Zener voltage. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Nominal Zener Voltage ($V_z$)** | 23V | The voltage at which the diode begins to conduct in reverse bias. | | **Power Dissipation ($P_d$)** | 1W - 5W | Depends on the specific package (e.g., SMA, SMB, or DO-41). | | **Tolerance** | ±5% | The accuracy of the breakdown voltage. | | **Operating Temperature** | -65°C to +150°C | Standard industrial/automotive range. | | **Mounting Type** | Surface Mount (SMD) | Usually denoted by the "R" (Reel) suffix. | --- ## 2. Key Internal Components The part is a semiconductor device consisting of the following physical elements: 1. **P-N Junction:** A highly doped silicon junction that allows for a sharp "breakdown" at the specified voltage (23V). 2. **Passivation Layer:** A glass or plastic coating that protects the junction from moisture and contaminants. 3. **Lead Frame:** Usually made of copper or a copper alloy for high thermal conductivity to dissipate heat. --- ## 3. Function and Common Applications ### How it Works When the voltage in a circuit exceeds 23V, the A23Z1-R enters the **Zener Breakdown** region. It allows current to flow through it to the ground, effectively "clamping" the voltage at 23V and protecting downstream sensitive electronics. ### Common Use Cases: * **Voltage Regulation:** Keeping a steady 23V supply for sensors or ICs. * **Overvoltage Protection:** Acting as a safety valve in 12V or 24V automotive systems to prevent spikes from damaging the ECU. * **Waveform Clipping:** Removing peaks from AC signals in signal processing. --- ## 4. Part Number Breakdown While manufacturer naming conventions vary, the suffix and prefix usually provide specific logistical data: * **A:** Often indicates Automotive grade or a specific manufacturer series. * **23:** Indicates the **Voltage** (23 Volts). * **Z:** Stands for **Zener** Diode. * **1:** Can indicate power rating (e.g., 1 Watt). * **-R:** Generally stands for **Tape and Reel** packaging, used for automated SMT (Surface Mount Technology) assembly lines. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current this diode can handle?
    • ⤷ Are there equivalent replacement parts for the A23Z1-R?
    • ⤷ How does temperature affect the 23V breakdown voltage?