Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • A6D-R

  • AI
    ## Overview of the A6D-R Electronic Component The **A6D-R** refers to a specific series of **DIP Switches** manufactured by **Omron Electronic Components**. Specifically, the "R" suffix often denotes the packaging style (such as Tape and Reel) or a sub-variation within the A6D sub-miniature series. These are surface-mount (SMD) or through-hole switches designed for space-constrained PCB designs where manual configuration is required. --- ### 1. Key Technical Specifications The A6D series is known for its **sub-miniature size** and **sealed construction**. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Switch Type** | DIP (Dual In-line Package) | | **Actuator Type** | Slide / Flat / Raised | | **Number of Positions** | 2, 4, 6, 8, 10 positions | | **Contact Rating** | 100 mA at 5 VDC (switching) / 30 mA at 30 VDC | | **Insulation Resistance** | 100 MΩ minimum (at 250 VDC) | | **Dielectric Strength** | 500 VAC for 1 minute | | **Operating Force** | 0.98 to 7.85 N | | **Temperature Range** | -20°C to +70°C | --- ### 2. Physical Design and Packaging The "R" in the part number (e.g., **A6D-4100-R**) typically indicates **Relief/Tape packaging** for automated assembly, or refers to the **Reduced size** profile. #### Internal Construction * **Sealed Structure:** The A6D series features a **permanently sealed** base. This allows the component to undergo automated wave soldering and cleaning processes without flux or cleaning fluid entering the internal contact mechanism. * **Bifurcated Contacts:** Uses a "twin" contact mechanism to ensure high reliability even in environments where dust or oxidation might occur. --- ### 3. Part Number Breakdown Understanding the nomenclature helps identify the exact electronic characteristics: `A6D - [X] [Y] [Z] [R]` 1. **A6D:** Series Name (Sub-miniature DIP). 2. **X (Number of Poles):** 2, 4, 6, 8, or 10. 3. **Y (Actuator Type):** 1 = Flat actuator (flush); 4 = Raised actuator. 4. **Z (Terminal Type):** 0 = Through-hole; 3 = SMT (Surface Mount). 5. **R:** Packaging suffix (Tape and Reel for SMT). --- ### 4. Common Applications The A6D-R series is used as a physical interface for setting hardware parameters without software: * **Industrial Controls:** Setting Modbus or CAN bus node addresses. * **Consumer Electronics:** Mode selection (e.g., choosing between 110V/220V logic or timer settings). * **Telecommunications:** Configuring line impedance or routing options on circuit boards. * **Security Systems:** Setting unique identification codes for sensors or alarms. --- ### 5. Soldering Precautions Since the A6D-R is a precision mechanical component, specific heat profiles must be followed: ```c // Typical Reflow Profile for A6D SMT models - Pre-heat: 150°C to 180°C (60-120 seconds) - Soldering: 230°C peak (max 30 seconds above 220°C) - Note: Do not use ultrasonic cleaning if the seal is compromised. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the A6D and A6S series DIP switches?
    • ⤷ How do bifurcated contacts improve the reliability of the A6D-R?
    • ⤷ Can the A6D-R series be used in high-vibration automotive environments?