Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • A7114-R

  • AI
    The **A7114-R** is an integrated circuit (IC) primarily designed as a high-performance **FSK/GFSK (Frequency/Gaussian Frequency Shift Keying) Transceiver**. It is commonly used in low-power wireless communication applications within the Sub-1GHz ISM bands. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and functional characteristics of the A7114-R: | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 315 / 433 / 868 / 915 MHz | | **Data Rate** | Up to 500 Kbps | | **Modulation** | FSK / GFSK | | **Operating Voltage** | 2.0V to 3.6V | | **TX Output Power** | Up to +13 dBm | | **RX Sensitivity** | -110 dBm (at 2Kbps) | | **Interface** | SPI (Serial Peripheral Interface) | --- ### 2. Internal Architecture and Functional Blocks The IC consists of several internal modules that handle the radio frequency (RF) signal processing: * **RF Front End:** Includes a Low Noise Amplifier (LNA) for receiving signals and a Power Amplifier (PA) for transmitting. * **Modem:** Handles the digital modulation and demodulation (FSK/GFSK), converting digital data into radio waves and vice versa. * **Synthesizer:** An on-chip Fractional-N PLL (Phase Locked Loop) that generates the precise carrier frequency. * **FIFO (First-In-First-Out):** A buffer (usually 64 bytes) that stores data before transmission or after reception to alleviate timing constraints on the host MCU. --- ### 3. Application Use Cases Because of its low power consumption and high integration, the A7114-R is ideal for the following: 1. **Wireless Alarm/Security Systems:** Reliable long-range transmission for door/window sensors. 2. **Smart Metering:** Remote reading of water, gas, or electricity meters (AMR). 3. **Industrial Controls:** Wireless monitoring of sensors in factories. 4. **Home Automation:** Controlling lighting, HVAC, and smart appliances. --- ### 4. Typical Implementation To use the A7114-R, an engineer typically integrates it with: * **Host MCU:** (e.g., STM32, Arduino, or 8051) to control the chip via SPI. * **Antenna Matching Network:** Passive components (inductors and capacitors) to tune the RF output to 50 ohms. * **Crystal Oscillator:** Usually a 16MHz or 12.8MHz crystal for timing accuracy.
    ✨ Follow-up Questions
    • ⤷ What is the maximum range achievable with the A7114-R in an open field?
    • ⤷ How does the A7114-R compare to the NRF24L01 in terms of frequency bands?
    • ⤷ Can the A7114-R support frequency hopping (FHSS)?