Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AA28F-R1

  • AI
    The **AA28F-R1** typically refers to a high-efficiency **AC-DC Front-End Power Supply Module**, often associated with brands like Artesyn (Advanced Energy). These units are engineered for high-density applications, such as networking equipment, servers, and telecommunications infrastructure. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the AA28F-R1 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 90 - 264 VAC (Universal Input) | | **Output Power** | ~280W to 300W | | **Primary Output** | 12.0 VDC | | **Standby Output** | 5.0 VSB (Optional depending on sub-revision) | | **Efficiency** | >90% at typical load | | **Form Factor** | 1U Low Profile / Internal Mount | --- ### 2. Major Electronic Sub-Systems The AA28F-R1 is composed of several critical electronic stages that ensure clean power delivery: #### A. Input Filtering (EMI/EMC) * **Components:** X/Y Capacitors, Common Mode Chokes, and MOVs (Metal Oxide Varistors). * **Function:** Filters electromagnetic interference from the grid and protects the internal circuitry from voltage spikes/surges. #### B. Active Power Factor Correction (PFC) * **Components:** Power MOSFETs, Inductors, and a dedicated PFC Controller IC. * **Function:** Ensures the current waveform follows the voltage waveform, maximizing efficiency and reducing harmonic distortion. #### C. DC-DC Conversion (Main Stage) * **Topology:** Usually a Phase-Shifted Full Bridge or LLC Resonant converter. * **Components:** High-frequency transformers and switching transistors. * **Function:** Steps down the high-voltage DC (from the PFC stage) to a regulated 12V output. #### D. Control and Monitoring * **I2C / PMBus Interface:** Allows the system motherboard to monitor temperature, fan speed, output current, and voltage levels in real-time. * **Protection Circuits:** OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). --- ### 3. Physical Layout and Thermal Management 1. **Cooling:** Internal high-speed fans (RPM-controlled) pull air through the unit to manage heat dissipation from the MOSFETs and rectifiers. 2. **Connectors:** * **Input:** Standard IEC AC inlet or terminal blocks. * **Output:** Gold-plated "Card Edge" or high-current blade connectors for low resistance. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the AA28F-R1 output connector?
    • ⤷ Is the AA28F-R1 hot-swappable in a redundant power configuration?
    • ⤷ What is the specific PMBus command set supported by this module?