Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ACV-C141-R

  • AI
    The **ACV-C141-R** is a specific part number typically associated with **AC-DC Regulated Power Adapters**, often used in industrial or consumer electronics (such as telecommunications equipment or security systems). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Specifications The ACV-C141-R is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable, low-voltage direct current (DC) required by sensitive electronic components. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 12V DC (Commonly) | | **Output Current** | 1.0A - 1.5A | | **Efficiency** | Level VI (High Efficiency) | | **Connector Type** | Barrel Jack (usually 5.5mm x 2.1mm) | --- ### 2. Core Electronic Components Inside the ACV-C141-R, several subsystems work together to ensure safe power delivery: * **Switching Transformer:** A high-frequency transformer that provides galvanic isolation between the AC mains and the DC output. * **Bridge Rectifier:** A set of four diodes that convert the AC sine wave into a pulsating DC signal. * **Filter Capacitors:** Large electrolytic capacitors used to "smooth" the voltage ripples, ensuring a steady DC line. * **PWM Controller IC:** A Pulse Width Modulation chip that regulates the output voltage by switching the primary circuit on and off at high speeds. * **Optoisolator:** A component used for feedback; it allows the output side to communicate with the input side via light signals to maintain voltage regulation without electrical contact. --- ### 3. Protection Mechanisms To protect the connected device (the "load"), the ACV-C141-R includes several safety features built into its circuitry: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold. 2. **Short-Circuit Protection (SCP):** Prevents the unit from catching fire or melting if the output wires are crossed. 3. **Over-Current Protection (OCP):** Limits the current if the connected device tries to draw more power than the adapter can provide. --- ### 4. Comparison with Standard Adapters The "-R" suffix often indicates **RoHS Compliance**, meaning the electronic parts are manufactured without hazardous substances like lead or mercury. ```json { "part_number": "ACV-C141-R", "category": "Power Supply", "sub_type": "Wall Mount / Desktop Adapter", "compliance": ["RoHS", "CE", "UL"] } ```
    ✨ Follow-up Questions
    • ⤷What is the exact output voltage and amperage for the ACV-C141-R?
    • ⤷ Is this power supply compatible with PoE (Power over Ethernet) devices?
    • ⤷ What are the common failure points in this type of AC-DC adapter?