Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD1582BRT-R2

  • AI
    ## Electronic Overview of AD1582BRT-R2 The **AD1582BRT-R2** is a low-cost, low-power, precision shunt-mode voltage reference. It belongs to the AD158x family manufactured by Analog Devices and is designed to provide a highly stable output voltage regardless of changes in temperature or input current. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.5 V | | **Initial Accuracy** | ±2.0 mV (0.08%) | | **Temperature Coefficient** | 50 ppm/°C | | **Operating Current Range** | 65 µA to 5 mA | | **Package Type** | 3-Lead SOT-23 (RT-3) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The AD1582 operates as a **two-terminal shunt regulator** (similar to a Zener diode, but with much higher precision). * **Shunt Mechanism:** It maintains a constant 2.5V across its terminals by adjusting its internal resistance to shunt the necessary amount of current to ground. * **Low Power Consumption:** With a minimum operating current of only 65 µA, it is ideal for battery-powered portable electronics. * **Curvature Correction:** The internal circuitry includes specialized components to minimize the non-linearity of the voltage output over its temperature range. --- ### 3. Pin Configuration The device is housed in a SOT-23 package. The typical pinout for the AD1582BRT is as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **$V_{in}$ / Output** | The positive terminal of the reference. | | **2** | **GND** | The negative terminal (Ground). | | **3** | **NC** | No internal connection (should be left floating). | --- ### 4. Application Circuit Example To use the AD1582, you must use a series resistor ($R_S$) to limit the current entering the device. The resistor value is calculated based on the supply voltage ($V_S$) and the desired operating current ($I_L + I_{ref}$). ```text Vs (Supply) | [ R_s ] <-- Series Resistor | +----o Vout (2.5V Reference) | [AD1582] | GND ``` --- ### 5. Common Use Cases 1. **Precision Data Acquisition:** Providing a stable reference for Analog-to-Digital Converters (ADCs). 2. **Portable Instrumentation:** Due to the low quiescent current. 3. **Process Control Loops:** Used in industrial 4-20mA transmitters. 4. **Battery Monitoring:** Acting as a threshold reference for battery level detection.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct value for the series resistor (Rs)?
    • ⤷ What is the difference between a shunt reference and a series reference?
    • ⤷ Can the AD1582 be used with a 3.3V power supply?