Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD22281-R2

  • AI
    The **AD22281-R2** is a specialized high-performance integrated circuit, primarily categorized as a **Dual-Axis Accelerometer**. Manufactured by Analog Devices, it is designed for precision motion sensing and is frequently utilized in automotive safety systems. --- ## 1. Core Specifications The following table outlines the primary technical characteristics of the AD22281-R2: | Parameter | Specification | | :--- | :--- | | **Type** | Dual-Axis (X and Y) | | **Acceleration Range** | ±70 g | | **Supply Voltage** | 5.0 V (typical) | | **Output Type** | Analog (Voltage) | | **Package** | 8-Lead CLCC (Ceramic Leadless Chip Carrier) | | **Sensitivity** | 27 mV/g (approximate) | | **Operating Temperature** | -40°C to +105°C | --- ## 2. Key Electronic Components & Internal Architecture The AD22281-R2 is a **MEMS** (Micro-Electro-Mechanical Systems) device. It integrates mechanical structures and electronic circuitry on a single chip: ### A. The MEMS Sensor The sensor consists of a polysilicon surface-micromachined structure built on top of a silicon wafer. * **Differential Capacitors:** When acceleration is applied, the proof mass moves, changing the capacitance between fixed plates and plates attached to the mass. * **Independent Axes:** The chip contains two separate sensing elements oriented 90 degrees apart to capture both lateral and longitudinal movement. ### B. Signal Conditioning Circuitry * **Demodulator:** Converts the capacitive changes into a voltage signal. * **Preamplifiers:** Boost the low-level signals from the MEMS structure. * **Low-Pass Filter:** Helps in reducing noise and preventing aliasing in the output signal. * **Temperature Compensation:** Internal circuitry adjusts the gain and offset to ensure accuracy across the wide automotive temperature range. --- ## 3. Application Use Cases Because of its high "g" rating (up to 70g), this part is not used for simple step counting; it is used for high-impact events: 1. **Airbag Deployment:** Detecting the massive deceleration of a vehicle collision to trigger safety restraints. 2. **Impact Sensors:** Monitoring structural integrity during crash testing. 3. **Industrial Vibration:** High-intensity machinery monitoring where standard ±2g sensors would saturate. --- ## 4. Typical Connection Diagram (Pseudo-Code representation) To interface this part with a Microcontroller (MCU), you would typically use an Analog-to-Digital Converter (ADC): ```cpp // Example: Reading AD22281 Analog Output int pinX = A0; // X-axis output connected to A0 int pinY = A1; // Y-axis output connected to A1 void setup() { Serial.begin(9600); } void loop() { int xRaw = analogRead(pinX); int yRaw = analogRead(pinY); // Convert raw ADC value to Voltage, then to G-force float voltageX = xRaw * (5.0 / 1023.0); float gForceX = (voltageX - 2.5) / 0.027; // Offset by 2.5V (0g) Serial.print("X-Axis G: "); Serial.println(gForceX); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD22281-R2 and a standard consumer accelerometer like the ADXL345?
    • ⤷ How does the CLCC package benefit high-g automotive applications?
    • ⤷ What are the power consumption requirements for this specific IC?