Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD548C

  • AI
    ## Overview of the AD548C The **AD548C** is a high-precision, low-power, monolithic **JFET-input operational amplifier**. It is part of the AD548 series manufactured by Analog Devices, specifically designed for applications requiring extremely low input bias currents and low power consumption without sacrificing precision. The "C" suffix typically denotes a specific performance grade (often the highest precision or widest temperature range in the commercial/industrial series). --- ### Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Input Bias Current** | 10 pA to 20 pA (Max) | | **Quiescent Current** | 200 $\mu$A (Max) | | **Offset Voltage** | 0.25 mV (Max) | | **Offset Voltage Drift** | 2 $\mu$V/°C | | **Input Impedance** | $10^{12} \Omega$ | | **Operating Voltage** | ±4.5V to ±18V | | **Slew Rate** | 1.8 V/$\mu$s | --- ### Internal Electronic Components The AD548C architecture is divided into three primary functional stages: #### 1. JFET Input Stage The "J" in JFET is crucial here. Unlike standard Bipolar (BJT) op-amps, the AD548C uses **P-channel Junction Field-Effect Transistors**. * **Result:** This allows for an exceptionally high input impedance. * **Advantage:** It prevents the op-amp from "loading" the source signal, making it ideal for sensors with high output resistance (like photodiodes). #### 2. Laser-Trimmed Resistors During the manufacturing process, Analog Devices uses lasers to "trim" (adjust) the internal thin-film resistors. * **Function:** This minimizes the **Input Offset Voltage ($V_{os}$)**. * **Benefit:** The "C" grade represents the tightest trimming, ensuring high accuracy in DC measurements. #### 3. Low-Power Output Stage The internal circuitry is biased to operate at very low currents. * **Total Draw:** The entire chip consumes less than 200 $\mu$A. * **Trade-off:** While very efficient, the slew rate (speed) is lower compared to high-power op-amps. --- ### Pin Configuration (8-Pin TO-99 or PDIP) ```text Pin 1: Balance (Offset Null) Pin 2: Inverting Input (-) Pin 3: Non-Inverting Input (+) Pin 4: V- (Negative Supply) Pin 5: Balance (Offset Null) Pin 6: Output Pin 7: V+ (Positive Supply) Pin 8: No Connection ``` --- ### Primary Applications Due to its high impedance and low power, the AD548C is commonly found in: * **Battery-Powered Precision Instruments:** Multimeters and portable gas sensors. * **Photodiode Preamps:** Converting very small currents into usable voltages. * **Long-term Integrators:** Where low bias current prevents "drift" over time. * **High Impedance Buffers:** Protecting weak signals from downstream circuit noise.
    ✨ Follow-up Questions
    • ⤷ How does the AD548C compare to the AD547 in terms of power consumption?
    • ⤷ What is the procedure for using the Offset Null pins to further reduce VOS?
    • ⤷ Are there modern CMOS alternatives that offer lower bias current than the AD548C?