Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD5625RBCPZ-R2

  • AI
    ## Overview of the AD5625RBCPZ-R2 The **AD5625RBCPZ-R2** is a high-performance, low-power, quad-channel, 12-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices and is specifically designed for applications requiring high density and precision. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | I²C Compatible | | **Supply Voltage** | 2.7 V to 5.5 V | | **Internal Reference** | 1.25 V or 2.5 V (On-chip, 5 ppm/°C typical) | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Output Type** | Buffered Voltage | --- ### 2. Functional Electronic Components The device integrates several critical electronic sections into its compact silicon: * **Resistor String Architecture:** The DAC core uses a resistor string structure, which ensures monotonicity and reduces non-linearity. * **Precision Reference:** It includes an internal 2.5V reference with very low drift, eliminating the need for an external voltage source in many designs. * **Output Amplifiers:** Each of the four channels features a rail-to-rail output amplifier, allowing the output swing to reach the supply rails. * **Power-On Reset (POR):** Ensures the DAC outputs power up to a known state (usually zero scale) until a valid write takes place. * **LDAC Function:** A Lead DAC (LDAC) pin/function allows all four DAC outputs to be updated simultaneously. --- ### 3. Pin Configuration & Hardware Interface The AD5625R uses the **I²C serial interface**, which minimizes the number of PCB traces required. | Pin Category | Description | | :--- | :--- | | **Vdd** | Power Supply (2.7V - 5.5V) | | **SCL / SDA** | Serial Clock and Data lines for I²C communication. | | **ADDR** | Address pin to set the I²C device address (allows multiple DACs on one bus). | | **Vout A-D** | The four independent analog output voltages. | | **GND** | Ground reference. | --- ### 4. Typical Application Circuit When designing with this part, standard decoupling capacitors and pull-up resistors for the I²C bus are required. ```cpp // Example: Pseudo-code for writing to the DAC void writeDAC(uint8_t channel, uint16_t value) { I2C_Start(); I2C_SendAddress(AD5625R_ADDR); I2C_SendByte(COMMAND_WRITE_UPDATE | channel); I2C_SendByte((value >> 4) & 0xFF); // MSB (12-bit adjustment) I2C_SendByte((value << 4) & 0xFF); // LSB I2C_Stop(); } ``` --- ### 5. Common Use Cases 1. **Process Control:** Precision adjustment of valves and actuators. 2. **Data Acquisition:** Offset and gain adjustment for sensors. 3. **Communication Systems:** Controlling bias voltages in optical modules. 4. **Portable Instrumentation:** Due to its low power consumption and small 3x3mm footprint.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD5625 and the AD5625R versions?
    • ⤷ How do I calculate the output voltage based on a specific digital input?
    • ⤷ What is the power consumption of this DAC in power-down mode?