Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8027ART-R2

  • AI
    ## Overview of the AD8027ART-R2 The **AD8027ART-R2** is a high-speed, rail-to-rail input and output amplifier manufactured by **Analog Devices**. It belongs to a family of low-distortion, high-performance operational amplifiers (op-amps) designed for demanding signal processing applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 190 MHz | | **Slew Rate** | 100 V/µs | | **Voltage Supply Range** | 2.7 V to 12 V (Single) or ±1.35 V to ±6 V (Dual) | | **Input/Output Type** | Rail-to-Rail | | **Low Distortion** | -120 dBc SFDR @ 1 MHz | | **Input Voltage Noise** | 4.3 nV/√Hz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23-6 (indicated by "ART") | --- ### 2. Functional Description The "ART" suffix indicates the physical package and the "R2" typically refers to the tape and reel packaging size (usually 7-inch reel). #### Core Features: * **High Speed:** With a 190 MHz bandwidth, it is suitable for high-frequency filters and buffering. * **Rail-to-Rail Performance:** The ability for both input and output voltages to swing nearly to the supply rails allows for maximum dynamic range, which is critical in low-voltage, battery-powered systems. * **Low Power Consumption:** Despite its high speed, it maintains a relatively low supply current (approx. 6.5 mA). * **Selectable Crossover:** It utilizes a unique circuit architecture to minimize "crossover distortion" common in rail-to-rail input stages. --- ### 3. Pin Configuration (SOT-23-6) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VOUT | Output of the amplifier | | 2 | V- | Negative supply voltage | | 3 | +IN | Non-inverting input | | 4 | -IN | Inverting input | | 5 | DISABLE | Power-down/Disable pin (Active Low) | | 6 | V+ | Positive supply voltage | --- ### 4. Common Applications * **ADC Drivers:** Buffering signals for high-speed Analog-to-Digital Converters. * **Video Electronics:** Processing standard and high-definition video signals. * **Active Filters:** Designing high-order filters with sharp cutoff frequencies. * **Optical Networking:** Use in transimpedance amplifiers for photodiode interfaces. * **Consumer Electronics:** Portable devices requiring high-fidelity audio or signal integrity. --- ### 5. Part Number Breakdown * **AD8027:** The base model number. * **ART:** Designates the **SOT-23-6** surface-mount package. * **R2:** Indicates a small-quantity reel (typically 250 units) or a specific reel size for manufacturing.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8027 and the AD8028?
    • ⤷ How does the 'Disable' pin function in a power-saving circuit?
    • ⤷ Can this op-amp be used in a single 3.3V supply environment?