Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8123ACPZ-R7

  • AI
    ### Overview of AD8123ACPZ-R7 The **AD8123ACPZ-R7** is a high-speed, triple differential receiver and equalizer manufactured by Analog Devices. It is primarily designed to compensate for the transmission losses (attenuation) that occur when sending high-resolution video signals over long stretches of Unshielded Twisted Pair (UTP) cables, such as Cat5 or Cat6. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Triple Differential Line Receiver / Equalizer | | **Bandwidth** | 160 MHz (-3 dB) | | **Slew Rate** | 600 V/µs | | **Input Type** | Differential (High Impedance) | | **Package** | 40-Lead LFCSP (6mm x 6mm) | | **Supply Voltage Range** | ±4.5 V to ±5.5 V | | **Equalization Range** | Up to 300 meters (Cat5/Cat6) | --- ### Core Electronic Components & Features 1. **Adaptive Equalization Engine:** The chip contains an internal circuit that boosts high-frequency signals to counteract the "low-pass filter" effect of long copper cables. This ensures the output signal remains sharp even after 300 meters of travel. 2. **Triple Channel Architecture:** It houses three independent channels, making it ideal for standard RGB (Red, Green, Blue) or component video (YPbPr) signals. 3. **V_GAIN (Control Pin):** The amount of equalization is adjustable via a DC control voltage applied to the `V_GAIN` pin. This allows for manual or automated tuning based on the specific length of the cable used. 4. **Common-Mode Rejection (CMR):** It features excellent common-mode rejection, which is critical for twisted-pair applications to eliminate noise and electromagnetic interference (EMI) picked up during transmission. --- ### Pin Configuration Categories | Category | Description | | :--- | :--- | | **Inputs (IN+ / IN-)** | Three pairs of differential inputs for the signal. | | **Outputs (OUT)** | Three single-ended outputs to drive video monitors or ADCs. | | **V_GAIN** | Control input for cable length compensation. | | **V_POS / V_NEG** | Power supply pins (Dual Rail). | | **Logic Pins** | Includes `ENABLE` for power-down modes. | --- ### Typical Application Circuit The AD8123 is typically used in a point-to-point video distribution system. ```mermaid graph LR A[Differential Input Cat5] --> B[AD8123 Equalizer] C[V_GAIN Control DC] --> B B --> D[Single-Ended RGB Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the V_GAIN voltage correlate to the cable length compensation?
    • ⤷ What are the power dissipation considerations for the LFCSP package in this device?
    • ⤷ Can the AD8123 be used for digital signals like HDMI over Cat5?