Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8137YCP-R2

  • AI
    ## AD8137YCP-R2: Overview and Technical Specifications The **AD8137YCP-R2** is a high-speed, low-cost differential driver (operational amplifier) manufactured by Analog Devices. It is specifically designed to drive high-performance 12-bit to 16-bit Analog-to-Digital Converters (ADCs). --- ### 1. Key Technical Features The AD8137 is part of the "Rail-to-Rail" output family, making it highly efficient for low-voltage systems. | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 110 MHz | | **Slew Rate** | 450 V/µs | | **Supply Voltage Range** | +2.7 V to +12 V (or ±6 V) | | **Supply Current** | 3.2 mA (Low Power) | | **Output Type** | Rail-to-Rail Differential | | **Package Type** | LFCSP-8 (3mm x 3mm) | --- ### 2. Functional Description The AD8137 simplifies the conversion of single-ended signals to differential signals. This is critical in modern electronics for the following reasons: * **Common-Mode Control:** It features a dedicated $V_{OCM}$ pin that allows the user to set the output common-mode voltage independently of the input. * **Noise Rejection:** As a differential amplifier, it inherently rejects common-mode noise and reduces even-order harmonic distortion. * **Power Efficiency:** It provides high-speed performance with a very low quiescent current, making it suitable for battery-powered devices. --- ### 3. Pin Configuration (LFCSP-8) Below is a representation of the typical pinout for the AD8137 in its 8-lead frame chip scale package. | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | +IN | Non-inverting Input | | 3 | VOCM | Voltage Output Common-Mode | | 4 | V+ | Positive Supply Voltage | | 5 | +OUT | Non-inverting Output | | 6 | -OUT | Inverting Output | | 7 | V- | Negative Supply Voltage | | 8 | PD | Power Down (Active Low) | --- ### 4. Typical Applications 1. **ADC Driver:** Driving 12-bit to 16-bit ADCs in communication systems. 2. **Single-Ended-to-Differential Converters:** Converting standard signals for balanced transmission. 3. **Differential Line Drivers:** Used for transmitting signals over twisted-pair cables. 4. **IF/Baseband Gain Blocks:** Found in radio frequency (RF) receivers. --- ### 5. Implementation Example To set the gain of the AD8137, feedback resistors ($R_f$) and gain resistors ($R_g$) are used. The gain formula for the differential output is: `Gain = Rf / Rg` ```python # Example: Calculating Resistor Values for a Gain of 1 gain = 1 rg = 499 # Ohms rf = gain * rg print(f"Required Feedback Resistor: {rf} Ohms") ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'YCP-R2' suffix in the part number?
    • ⤷ How does the VOCM pin help in interfacing with an ADC?
    • ⤷ What are the thermal considerations for the LFCSP-8 package?