Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8193ACPZ-R7

  • AI
    ### Overview of AD8193ACPZ-R7 The **AD8193ACPZ-R7** is a high-performance, low-power **TMDS (Transition Minimized Differential Signaling) switch** specifically designed for HDMI and DVI applications. It serves as a 2:1 multiplexer, allowing two digital video/audio sources to be routed to a single sink (such as a TV or monitor). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | 2:1 HDMI/DVI Switch | | **Maximum Data Rate** | 2.5 Gbps per channel (Supports 1080p and UXGA) | | **Channels** | 4 Differential TMDS pairs per port (R, G, B, Clock) | | **Supply Voltage** | 3.3V (nominal) | | **Operating Current** | ~55 mA (typical) | | **Package Type** | 32-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Electronic Parts The internal architecture of the AD8193 includes several critical electronic subsystems: #### A. Input Equalization To combat signal degradation over long HDMI cables, the AD8193 includes **programmable input equalizers**. These circuits compensate for the high-frequency attenuation caused by copper traces and cables, ensuring the signal integrity remains high before switching. #### B. TMDS Switching Matrix The core of the chip is a high-speed differential switch. It utilizes low-capacitance transistors to toggle between the two input ports without introducing significant jitter or insertion loss. #### C. DDC Buffers and Hot Plug Detect (HPD) The IC manages auxiliary signals beyond just video: * **DDC (Display Data Channel):** Includes bidirectional buffers for I2C communication (EDID data). * **HPD (Hot Plug Detect):** Integrated logic to notify the source when a connection is established. * **CEC (Consumer Electronics Control):** Provides a passive pathway for remote control signals. #### D. Pre-emphasis Output The output stage features **programmable pre-emphasis**. This boosts the signal strength to drive the output towards the HDMI connector, compensating for the losses on the PCB traces of the receiver board. --- ### 3. Pinout and Physical Characteristics The "ACPZ-R7" suffix indicates the following: * **ACP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch tape and reel packaging (usually 1,500 units). --- ### 4. Application Circuit Example ```mermaid graph LR Source1[HDMI Source 1] --> PortA[AD8193 Input A] Source2[HDMI Source 2] --> PortB[AD8193 Input B] PortA --> Switch{MUX Control} PortB --> Switch Switch --> Out[HDMI Sink / Display] I2C[Microcontroller] -.->|Control| Switch ``` --- ### 5. Common Use Cases 1. **TV Sets:** Adding an extra HDMI port to a television. 2. **Projectors:** Switching between two video inputs. 3. **AV Receivers:** Managing multiple high-definition media players. 4. **Set-top Boxes:** Routing internal and external video signals.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AD8193 and the AD8194 models?
    • ⤷ How do you program the equalization settings in the AD8193?
    • ⤷ What are the PCB layout requirements for the 2.5 Gbps TMDS lines?