AD8228ARZ-R71
AI

The **AD8228ARZ-R7** is a high-performance, precision instrumentation amplifier manufactured by Analog Devices. It is specifically designed to provide high accuracy and CMRR (Common-Mode Rejection Ratio) with a fixed gain.
---
## 1. Core Specifications
Below are the primary technical characteristics of the AD8228ARZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Instrumentation Amplifier |
| **Gain Settings** | Fixed: 10 or 100 (Pin-strappable) |
| **Supply Voltage Range** | ±2.3 V to ±18 V (Dual) / 4.6 V to 36 V (Single) |
| **Input Offset Voltage** | 100 μV (Maximum) |
| **Gain Drift** | 5 ppm/°C (Maximum) |
| **Bandwidth (-3dB)** | 650 kHz (at G=100) |
| **Package** | 8-SOIC (N-Suffix) |
| **Packaging Type** | Tape & Reel (indicated by R7) |
---
## 2. Key Electronic Features
### A. Fixed Gain Precision
Unlike standard amplifiers that require external resistors to set the gain, the AD8228 uses internal, laser-trimmed resistors.
- **Benefits:** This eliminates the gain error and drift typically introduced by external components.
- **Selection:** Gain is set by connecting specific pins (shorted for G=100, open for G=10).
### B. High Common-Mode Rejection Ratio (CMRR)
The device boasts a minimum CMRR of **100 dB (G=10)**. This allows the part to extract very small differential signals in the presence of large common-mode noise or voltage offsets, which is critical in industrial sensor applications.
### C. Wide Input Range
It can handle input voltages that extend to the power supply rails, and it is robust against overvoltage conditions.
---
## 3. Pin Configuration (8-SOIC)
| Pin No. | Name | Function |
| :---: | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | G1 | Gain setting pin |
| 3 | G2 | Gain setting pin |
| 4 | +IN | Non-inverting Input |
| 5 | -V_S | Negative Power Supply |
| 6 | REF | Reference Pin (sets output zero level) |
| 7 | V_OUT | Output Signal |
| 8 | +V_S | Positive Power Supply |
---
## 4. Typical Applications
The AD8228 is commonly used in environments requiring high precision and reliability:
- **Medical Instrumentation:** ECG/EKG monitors.
- **Industrial Process Control:** Bridge amplifiers for pressure or weight sensors.
- **Precision Data Acquisition:** Interfacing sensors with ADCs.
- **Aerospace:** High-reliability signal conditioning.
---
## 5. Decoding the Part Number
* **AD8228:** Model Number.
* **A:** Performance Grade (Standard).
* **R:** Package Type (SOIC).
* **Z:** RoHS Compliant (Lead-free).
* **R7:** 7-inch Tape and Reel (3000 units/reel).
- ⤷How do I switch between the gain of 10 and 100 in a circuit design?
- ⤷ What is the importance of the REF pin in this amplifier?
- ⤷ How does the AD8228 compare to the AD8221 in terms of precision?