Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8253ARMZ-R71

  • AI
    ## AD8253ARMZ-R71: High-Speed, Digitally Programmable Gain Instrumentation Amplifier The **AD8253ARMZ-R71** is a specialized integrated circuit manufactured by **Analog Devices**. It is a digitally programmable gain instrumentation amplifier (PGIA) designed for precision signal conditioning where speed and accuracy are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8253: | Parameter | Specification | | :--- | :--- | | **Gain Settings** | 1, 10, 100, 1000 (G = 10^n) | | **Gain Selection** | 2-bit Digital Interface (TTL/CMOS compatible) | | **Bandwidth (-3 dB)** | 10 MHz (at G=1) | | **Slew Rate** | 20 V/µs | | **Input Offset Voltage** | 150 µV (max) | | **CMRR** | 100 dB (min at G=100) | | **Settling Time** | 0.8 µs to 0.001% | | **Package Type** | 10-Lead MSOP (ARMZ) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Core Functional Parts The AD8253 architecture is comprised of several critical stages: 1. **Input Stage (Preamplifier):** Uses a high-impedance FET-input architecture to ensure minimal current leakage and high input resistance, making it ideal for interfacing with sensors. 2. **Gain Switching Network:** Internal precision-matched resistors are switched in or out based on the digital inputs. Because these resistors are internal, they offer superior temperature tracking compared to discrete solutions. 3. **Digital Logic Interface:** A 2-bit parallel port (A0, A1) allows a microcontroller or FPGA to switch the gain dynamically. 4. **Output Stage:** A high-speed operational amplifier capable of driving ADC inputs with high precision and fast settling times. --- ### 3. Part Number Breakdown (AD8253ARMZ-R7) The suffix provides specific information about the physical packaging and delivery: * **AD8253:** The base model number. * **A:** Performance grade (Standard). * **RM:** Refers to the **MSOP** (Mini Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R7:** Indicates **7-inch Tape and Reel** packaging (usually 1,000 pieces). --- ### 4. Application Use Cases Because of its ability to change gain rapidly and maintain high precision, it is commonly used in: * **Data Acquisition Systems (DAS):** Handling signals of varying strengths (e.g., switching from millivolts to volts). * **Automated Test Equipment (ATE):** Testing different components on a single line. * **Medical Instrumentation:** ECG or EEG monitoring where signal scaling is required. * **Dynamic Range Expansion:** Used in front of an Analog-to-Digital Converter (ADC) to ensure the signal utilizes the full bit-depth.
    ✨ Follow-up Questions
    • ⤷ How does the AD8253 compare to the AD8250 or AD8251 in terms of gain steps?
    • ⤷ What are the power supply requirements for the AD8253ARMZ?
    • ⤷ How do you interface the digital gain pins with a 3.3V microcontroller?