Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8260ACPZ-R7

  • AI
    ## Overview of AD8260ACPZ-R7 The **AD8260ACPZ-R7** is a high-performance, integrated electronic component manufactured by Analog Devices. It is specifically a **High Bandwidth Digitally Programmable Gain Amplifier (PGA)** that includes an integrated **600 MHz Current Feedback Operational Amplifier**. It is widely used in signal processing applications where precise gain control and high-speed amplification are required, such as ultrasound, radar, and communication systems. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package / Case** | 32-LFCSP-VQ (5x5 mm) | | **Function** | Programmable Gain Amplifier (PGA) + Op-Amp | | **Bandwidth (PGA)** | 230 MHz | | **Bandwidth (Op-Amp)** | 600 MHz | | **Gain Range** | -6 dB to +24 dB (in 3 dB steps) | | **Control Interface** | 3-bit Parallel Digital Control | | **Operating Voltage** | 3.3 V to 5 V | | **Noise Level** | 2.4 nV/√Hz (Input Referred) | --- ### Internal Architecture and Components The device is divided into two primary functional blocks: 1. **Digitally Controlled VGA (Variable Gain Amplifier):** * Uses a proprietary "X-AMP" architecture. * The gain is adjusted via a 3-bit digital interface, providing 8 discrete gain settings. * Ensures constant bandwidth regardless of the gain setting. 2. **Current Feedback Op-Amp:** * Designed for high-speed signal driving. * Capable of driving low-impedance loads with minimal distortion. * Can be used independently or in series with the PGA for total signal chain optimization. --- ### Key Features and Benefits * **Low Noise:** The 2.4 nV/√Hz noise performance makes it ideal for medical imaging (ultrasound) where weak signals must be amplified without adding significant background hiss. * **Precision Gain:** Digital control eliminates the inaccuracies and thermal drift associated with analog potentiometers. * **Small Footprint:** The LFCSP package is highly compact, saving PCB space in portable medical or industrial devices. * **Fast Settling Time:** Essential for pulse-based systems like Radar or LiDAR. --- ### Typical Applications * **Medical Imaging:** TGC (Time Gain Control) in ultrasound machines. * **Wireless Communication:** Automatic Gain Control (AGC) loops in transceivers. * **Industrial:** High-speed data acquisition systems and sonar. * **Instrumentation:** Preamplification for high-speed oscilloscopes.
    ✨ Follow-up Questions
    • ⤷ How do you interface the 3-bit digital gain control with a microcontroller?
    • ⤷ What are the power consumption characteristics of the AD8260 in battery-operated devices?
    • ⤷ Can the internal Op-Amp be bypassed if only the PGA is needed?